Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA203 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA203
Description  INA203-Q1 Automotive Grade, –16 V to 80 V, Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor With Dual Comparators and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA203 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA203 Datasheet HTML 9Page - Texas Instruments INA203 Datasheet HTML 10Page - Texas Instruments INA203 Datasheet HTML 11Page - Texas Instruments INA203 Datasheet HTML 12Page - Texas Instruments INA203 Datasheet HTML 13Page - Texas Instruments INA203 Datasheet HTML 14Page - Texas Instruments INA203 Datasheet HTML 15Page - Texas Instruments INA203 Datasheet HTML 16Page - Texas Instruments INA203 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
U2
U1
0.6V
1.2V
I2
120nA
I1
120nA
C
DELAY
13
INA203-Q1
www.ti.com
SBOS539A – DECEMBER 2010 – REVISED APRIL 2016
Product Folder Links: INA203-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Feature Description (continued)
NOTE
I1 and I2 cannot be turned on simultaneously; I1 corresponds to a U1 low output and I2
corresponds to a U1 high output.
Using an initial assumption that the U1 output is low, I1 is on, then U2 +IN is zero. If U1 goes high, I2 supplies
120 nA to CDELAY. The voltage at U2 +IN begins to ramp toward a 0.6-V threshold. When the voltage crosses this
threshold, the U2 output goes high while the voltage at U2 +IN continues to ramp up to a maximum of 1.2 V
when given sufficient time (twice the value of the delay specified for CDELAY). This entire sequence is reversed
when the comparator outputs go low, so that returning to low exhibits the same delay.
Figure 27. Simplified Model of The Comparator 2 Delay Circuit
It is important to note the behavior of the Comparator 2 when the events at the inputs occur more rapidly than
the set delay timeout. For example, when the U1 output goes high (turning on I2), but returns low (turning I1
back on) prior to reaching the 0.6 V transition for U2. The voltage at U2 +IN ramps back down at a rate
determined by the value of CDELAY, and only returns to zero if given sufficient time.
In essence, when analyzing Comparator 2 for behavior with events more rapid than its delay setting, use the
model shown in Figure 27.
8.3.3 Comparator Maximum Input Voltage Range
The maximum voltage at the comparator input for normal operation is up to (VS) – 1.5 V. There are special
considerations when overdriving the reference inputs (pins 3 and 6). Driving either or both inputs high enough to
drive 1 mA back into the reference introduces errors into the reference. Figure 28 shows the basic input
structure. A general guideline is to limit the voltage on both inputs to a total of 20 V. The exact limit depends on
the available voltage and whether either or both inputs are subject to the large voltage. When making this
determination, consider the 20 k
Ω from each input back to the comparator. Figure 29 shows the maximum input
voltage that avoids creating a reference error when driving both inputs (an equivalent resistance back into the
reference of 10 k
Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com