Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA203 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA203
Description  INA203-Q1 Automotive Grade, –16 V to 80 V, Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor With Dual Comparators and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA203 Datasheet(HTML) 1 Page - Texas Instruments

  INA203 Datasheet HTML 1Page - Texas Instruments INA203 Datasheet HTML 2Page - Texas Instruments INA203 Datasheet HTML 3Page - Texas Instruments INA203 Datasheet HTML 4Page - Texas Instruments INA203 Datasheet HTML 5Page - Texas Instruments INA203 Datasheet HTML 6Page - Texas Instruments INA203 Datasheet HTML 7Page - Texas Instruments INA203 Datasheet HTML 8Page - Texas Instruments INA203 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Copyright © 2016, Texas Instruments Incorporated
INA203-Q1
x20
3 m
Load Supply
±16V to +80V
Load
5V Supply
Optional Delay
Capacitor
0.2 …F
C
BYPASS
0.01 …F
VS
OUT
CMP1 IN-/0.6 REF
CMP1 IN+
CMP2 IN+
CMP2 IN-/0.6 REF
GND
VIN+
VIN-
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1RESET
Current Shunt
Monitor Output
1.2V REF
4.7 k
Ÿ
4.7 k
Ÿ
Transparent/Reset
Latch
RSHUNT
R
PULL-UP
R
PULL-UP
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA203-Q1
SBOS539A – DECEMBER 2010 – REVISED APRIL 2016
INA203-Q1 Automotive Grade, –16 V to +80 V, Low- or High-Side, High-Speed, Voltage
Output Current Shunt Monitor With Dual Comparators and Reference
1
1 Features
1
•
Qualified for Automotive Applications
•
Current Sense Amplifier
–
Common-Mode Range: –16 V to +80 V
–
Accuracy: 3.5% (Maximum) Over Temperature
–
Bandwidth: 500 kHz
–
Gain: 20 V/V
•
Integrated Dual Comparators:
–
Comparator 1 With Latch
–
Comparator 2 With Optional Delay
•
Quiescent Current: 1.8 mA
•
Latch-Up Performance Meets 100 mA Per AEC-
Q100, Level I
•
Packages: TSSOP-14
2 Applications
•
Electric Power Steering (EPS) Systems
•
Body Control Modules
•
Brake Systems
•
Electronic Stability Control (ESC) Systems
3 Description
The INA203-Q1 is a unidirectional current-shunt
monitor (also called a current sense amplifier) with
voltage
output,
dual
comparators,
and
voltage
reference. The INA203-Q1 can sense drops across
shunts at common-mode voltages from –16 V to +80
V. The INA203-Q1 is available with 20-V/V gain with
up to 500-kHz bandwidth.
The
INA203-Q1
incorporates
two
open-drain
comparators with internal 0.6-V references and also
provides a 1.2-V reference output. The comparator
references can be overridden by external inputs.
Comparator 1 includes a latching capability, and
Comparator 2 has a user-programmable delay.
The INA203-Q1 operates from a single 2.7 V to 18 V
supply. It is specified over the extended operating
temperature range of –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA203-Q1
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Basic Connections Schematic


Similar Part No. - INA203

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203-Q1 TI1-INA203-Q1_16 Datasheet
1Mb / 29P
Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor
logo
Burr-Brown (TI)
INA203A BURR-BROWN-INA203A Datasheet
775Kb / 25P
Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
More results

Similar Description - INA203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA206 TI-INA206 Datasheet
433Kb / 23P
High-Side Measurement Current-Shunt Monitor with Dual Comparators
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA225-Q1 TI-INA225-Q1_15 Datasheet
1Mb / 33P
INA225-Q1 Automotive-Grade, 36-V Programmable-Gain, Voltage-Output, Bidirectional,Zero-Drift, High-Speed Current-Shunt Monitor
INA282-Q1 TI-INA282-Q1_15 Datasheet
1Mb / 34P
INA28x-Q1 Automotive Grade, ??4-V to 80-V, Bidirectional, High Accuracy, Low- or High-Side, Voltage Output, Current Shunt Monitor
INA300-Q1 TI-INA300-Q1 Datasheet
146Kb / 5P
INA300-Q1 Automotive-Grade, High- or Low-Side, Current-Sense Comparator
INA301 TI-INA301 Datasheet
135Kb / 7P
INA301 36-V, Low- or High-Side, High-Speed, Zero-Drift, Voltage-Output, Current-Shunt Monitor with High-Speed, Overcurrent Comparator
INA203-Q1 TI1-INA203-Q1_16 Datasheet
1Mb / 29P
Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor
INA191 TI1-INA191 Datasheet
461Kb / 22P
Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com