Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA203 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA203
Description  INA203-Q1 Automotive Grade, –16 V to 80 V, Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor With Dual Comparators and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA203 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA203 Datasheet HTML 6Page - Texas Instruments INA203 Datasheet HTML 7Page - Texas Instruments INA203 Datasheet HTML 8Page - Texas Instruments INA203 Datasheet HTML 9Page - Texas Instruments INA203 Datasheet HTML 10Page - Texas Instruments INA203 Datasheet HTML 11Page - Texas Instruments INA203 Datasheet HTML 12Page - Texas Instruments INA203 Datasheet HTML 13Page - Texas Instruments INA203 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
200
175
150
125
100
75
50
0
20
40
60
80
100
120
140
160
180
OverdriveVoltage(mV)
200
14
13
12
11
10
0
20
40
60
80
100
120
140
160
180
OverdriveVoltage(mV)
200
600
599
598
597
596
595
594
593
592
591
590
2
4
6
8
10
12
14
16
SupplyVoltage(V)
18
602
601
600
599
598
597
596
-50
-25
0
25
50
75
100
Temperature( C)
°
125
600
500
400
300
200
100
0
0
1
2
3
4
5
I
(mA)
SINK
6
Time(2 s/div)
m
G=20
V
=90mVto100mV
SENSE
10
INA203-Q1
SBOS539A – DECEMBER 2010 – REVISED APRIL 2016
www.ti.com
Product Folder Links: INA203-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
All specifications at TA = +25°C, VS = +12 V, VCM = +12 V, and VSENSE = 100 mV, unless otherwise noted.
Figure 14. Step Response
Figure 15. Comparator VOL vs ISINK
Figure 16. Comparator Trip Point vs Supply Voltage
Figure 17. Comparator Trip Point vs Temperature
Figure 18. Comparator 1 Propagation Delay vs Overdrive
Voltage
Figure 19. Comparator 2 Propagation Delay vs Overdrive
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com