Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA203 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA203
Description  INA203-Q1 Automotive Grade, –16 V to 80 V, Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor With Dual Comparators and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA203 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA203 Datasheet HTML 3Page - Texas Instruments INA203 Datasheet HTML 4Page - Texas Instruments INA203 Datasheet HTML 5Page - Texas Instruments INA203 Datasheet HTML 6Page - Texas Instruments INA203 Datasheet HTML 7Page - Texas Instruments INA203 Datasheet HTML 8Page - Texas Instruments INA203 Datasheet HTML 9Page - Texas Instruments INA203 Datasheet HTML 10Page - Texas Instruments INA203 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Hysteresis=V
THRESHOLD - 8mV
V
THRESHOLD
InputVoltage
0.592
0.6
a)
CMP1
Hysteresis=V
THRESHOLD - 8mV
V
THRESHOLD
InputVoltage
0.608
0.6
b)
CMP2
7
INA203-Q1
www.ti.com
SBOS539A – DECEMBER 2010 – REVISED APRIL 2016
Product Folder Links: INA203-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Specified by design; not production tested.
7.7
Electrical Characteristics: Reference
At TA = +25°C, VS = +12 V, VCM = +12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, and RPULL-UP = 5.1 kΩ each connected from
CMP1 OUT and CMP2 OUT to VS, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE VOLTAGE
1.2 VREFOUT output voltage
1.188
1.2
1.212
V
dVOUT/dT
Reference drift(1)
TA = –40°C to +85°C
40
100
ppm/°C
0.6 VREF
Output voltage (Pins 3 and 6)
0.6
V
dVOUT/dT
Reference drift(1)
TA = –40°C to +85°C
40
100
ppm/°C
LOAD REGULATION
dVOUT/dILOAD
Sourcing
0 mA < ISINK < 0.5 mA
VREFOUT – 1.2 V
0.4
2
mV/mA
Sinking
0 mA < ISOURCE < 0.5 mA
0.4
mV/mA
LOAD CURRENT
ILOAD
1
mA
LINE REGULATION
dVOUT/dVS
2.7 V < VS < 18 V
30
μV/V
CAPACITIVE LOAD
Reference output maximum
capacitive load
No sustained oscillations
10
nF
OUTPUT IMPEDANCE
Pins 3 and 6
10
k
Ω
(1)
The INA203-Q1 is designed to power-up with the comparator in a defined reset state as long as CMP1 RESET is open or grounded.
The comparator will be in reset as long as the power supply is below the voltage shown here. The comparator assumes a state based
on the comparator input above this supply voltage. If CMP1 RESET is high at power-up, the comparator output comes up high and
requires a reset to assume a low state, if appropriate.
7.8
Electrical Characteristics: General
All specifications at TA = +25°C, VS = +12 V, VCM = +12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, RPULL-UP = 5.1 kΩ each
connected from CMP1 OUT and CMP2 OUT to VS, and CMP1 IN+ = 1 V and CMP2 IN+ = GND, unless otherwise noted.
GENERAL PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VS
Operating Power Supply
TA = –40°C to +125°C
2.7
18
V
IQ
Quiescent current
VOUT = 2 V
1.8
2.2
mA
Over temperature
VSENSE = 0 mV
TA = –40°C to +125°C
2.8
mA
Comparator power-on reset
threshold(1)
1.5
V
Figure 1. Comparator Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com