Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA203 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA203
Description  INA203-Q1 Automotive Grade, –16 V to 80 V, Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor With Dual Comparators and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA203 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA203 Datasheet HTML 8Page - Texas Instruments INA203 Datasheet HTML 9Page - Texas Instruments INA203 Datasheet HTML 10Page - Texas Instruments INA203 Datasheet HTML 11Page - Texas Instruments INA203 Datasheet HTML 12Page - Texas Instruments INA203 Datasheet HTML 13Page - Texas Instruments INA203 Datasheet HTML 14Page - Texas Instruments INA203 Datasheet HTML 15Page - Texas Instruments INA203 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
C
(in F)=
m
DELAY
t
D
5
0V
0.6V
V
IN
CMPOut
RESET
Copyright © 2016, Texas Instruments Incorporated
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VIN+
VIN±
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
CMP1 RESET
VS
OUT
CMP1 IN± /0.6V REF
CMP1 IN+
CMP2 IN+
CMP2 IN± /0.6V REF
GND
1.2V REF
12
INA203-Q1
SBOS539A – DECEMBER 2010 – REVISED APRIL 2016
www.ti.com
Product Folder Links: INA203-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The INA203-Q1 device is a unidirectional voltage output current-sense amplifier with dual comparators and
voltage reference. The INA203-Q1 operates over a wide range of common-mode voltage (–16 V to +80 V) and
incorporates two open-drain comparators with internal 0.6-V references. Comparator 1 includes a latching
capability, and Comparator 2 has a user-programmable delay. The device also incorporates a 1.2-V reference
output.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Comparator
The INA203-Q1 incorporates two open-drain comparators. These comparators typically have 2 mV of offset and
a 1.3-
μs (typical) response time. The output of Comparator 1 latches and is reset through the CMP1 RESET pin,
as shown in Figure 26.
The INA203-Q1 device includes additional features for comparator functions. The comparator reference voltage
of both Comparator 1 and Comparator 2 can be overridden by external inputs for increased design flexibility.
Comparator 2 has a programmable delay.
Figure 26. Comparator Latching Capability
8.3.2 Comparator Delay
The Comparator 2 programmable delay is controlled by a capacitor connected to the CMP2 Delay Pin; see
Figure 30. The capacitor value (in
μF) is selected by using Equation 1:
(1)
A simplified version of the delay circuit for Comparator 2 is shown in Figure 27. The delay comparator consists of
two comparator stages with the delay between them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com