Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA203 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA203
Description  INA203-Q1 Automotive Grade, –16 V to 80 V, Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor With Dual Comparators and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA203 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA203 Datasheet HTML 2Page - Texas Instruments INA203 Datasheet HTML 3Page - Texas Instruments INA203 Datasheet HTML 4Page - Texas Instruments INA203 Datasheet HTML 5Page - Texas Instruments INA203 Datasheet HTML 6Page - Texas Instruments INA203 Datasheet HTML 7Page - Texas Instruments INA203 Datasheet HTML 8Page - Texas Instruments INA203 Datasheet HTML 9Page - Texas Instruments INA203 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
INA203-Q1
SBOS539A – DECEMBER 2010 – REVISED APRIL 2016
www.ti.com
Product Folder Links: INA203-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Hysteresis refers to the threshold (the threshold specification applies to a rising edge of a noninverting input) of a falling edge on the
noninverting input of the comparator; refer to Figure 1.
(2)
Specified by design; not production tested.
(3)
See the Comparator Maximum Input Voltage Range section.
(4)
The comparator response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
(5)
The CMP1 RESET input has an internal 2 M
Ω (typical) pull-down. Leaving the CMP1 RESET open results in a LOW state, with
transparent comparator operation.
(6)
The Comparator 2 delay applies to both rising and falling edges of the comparator output.
7.6
Electrical Characteristics: Comparator
At TA = +25°C, VS = +12 V, VCM = +12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, and RPULL-UP = 5.1 kΩ each connected from
CMP1 OUT and CMP2 OUT to VS, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Offset voltage
Comparator common-mode voltage = threshold voltage
2
mV
Offset voltage drift, comparator 1
TA = –40°C to +125°C
±2
μV/°C
Offset voltage drift, comparator 2
TA = –40°C to +125°C
5.4
μV/°C
Threshold
Rising Edge on Non-Inverting input, TA = +25°C
590
608
620
mV
Over temperature
TA = –40°C to +125°C
586
625
mV
Hysteresis(1), CMP1
TA = –40°C to +85°C
–8
mV
Hysteresis(1), CMP2
TA = –40°C to +85°C
8
mV
INPUT BIAS CURRENT(2)
CMP1 IN+, CMP2 IN+
0.005
10
nA
Over temperature
TA = –40°C to +125°C
15
nA
INPUT IMPEDANCE
Pins 3 and 6
10
k
Ω
INPUT RANGE
CMP1 IN+ and CMP2 IN+
0 V to VS – 1.5 V
V
Pins 3 and 6(3)
0 V to VS – 1.5 V
V
OUTPUT
Large-signal differential voltage gain
CMP VOUT 1 V to 4 V, RL ≥ 15 kΩ connected to 5 V
200
V/mV
High-level output current
VID = 0.4 V, VOH = VS
0.0001
1
μA
Low-level output voltage
VID = –0.6 V, IOL = 2.35 mA
220
300
mV
RESPONSE TIME(4)
Comparator 1
RL to 5 V, CL = 15 pF, 100 mV input step with 5 mV overdrive
1.3
μs
Comparator 2
RL to 5 V, CL = 15 pF, 100 mV input step with 5 mV overdrive,
CDELAY pin open
1.3
μs
RESET
RESET threshold(5)
1.1
V
Logic input impedance
2
M
Ω
Minimum RESET pulse width
1.5
μs
RESET propagation delay
3
μs
Comparator 2 delay equation(6)
CDELAY = tD/5
μF
tD
Comparator 2 delay
CDELAY = 0.1 μF
0.5
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com