Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA203 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA203
Description  INA203-Q1 Automotive Grade, –16 V to 80 V, Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor With Dual Comparators and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA203 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA203 Datasheet HTML 7Page - Texas Instruments INA203 Datasheet HTML 8Page - Texas Instruments INA203 Datasheet HTML 9Page - Texas Instruments INA203 Datasheet HTML 10Page - Texas Instruments INA203 Datasheet HTML 11Page - Texas Instruments INA203 Datasheet HTML 12Page - Texas Instruments INA203 Datasheet HTML 13Page - Texas Instruments INA203 Datasheet HTML 14Page - Texas Instruments INA203 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
1.22
1.21
1.20
1.19
1.18
-50
-25
0
25
50
75
100
Temperature( C)
°
125
Input
200mV/div
Output
2V/div
5 s/div
m
V
=5mV
OD
1000
100
10
1
0.1
0.01
0.001
0.01
0.1
1
10
DelayCapacitance(nF)
100
Input
200mV/div
Output
2V/div
2 s/div
m
V
=5mV
OD
1.2
1.0
0.8
0.6
0.4
0.2
0
2
4
6
8
10
12
14
16
SupplyVoltage(V)
18
300
275
250
225
200
175
150
125
-50
-25
0
25
50
75
100
Temperature( C)
°
125
11
INA203-Q1
www.ti.com
SBOS539A – DECEMBER 2010 – REVISED APRIL 2016
Product Folder Links: INA203-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
All specifications at TA = +25°C, VS = +12 V, VCM = +12 V, and VSENSE = 100 mV, unless otherwise noted.
Figure 20. Comparator Reset Voltage vs supply Voltage
Figure 21. Comparator 1 Propagation Delay vs Temperature
Figure 22. Comparator 2 Propagation Delay vs Capacitance
Figure 23. Comparator 1 Propagation Delay
Figure 24. Comparator 2 Propagation Delay
Figure 25. Reference Voltage vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com