Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA203 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA203
Description  INA203-Q1 Automotive Grade, –16 V to 80 V, Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor With Dual Comparators and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA203 Datasheet(HTML) 2 Page - Texas Instruments

  INA203 Datasheet HTML 1Page - Texas Instruments INA203 Datasheet HTML 2Page - Texas Instruments INA203 Datasheet HTML 3Page - Texas Instruments INA203 Datasheet HTML 4Page - Texas Instruments INA203 Datasheet HTML 5Page - Texas Instruments INA203 Datasheet HTML 6Page - Texas Instruments INA203 Datasheet HTML 7Page - Texas Instruments INA203 Datasheet HTML 8Page - Texas Instruments INA203 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
INA203-Q1
SBOS539A – DECEMBER 2010 – REVISED APRIL 2016
www.ti.com
Product Folder Links: INA203-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ..................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics: Current-Shunt Monitor .... 5
7.6
Electrical Characteristics: Comparator..................... 6
7.7
Electrical Characteristics: Reference ....................... 7
7.8
Electrical Characteristics: General........................... 7
7.9
Typical Characteristics .............................................. 8
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
8.2
Functional Block Diagram ....................................... 12
8.3
Feature Description................................................. 12
8.4
Device Functional Modes........................................ 14
9
Application and Implementation ........................ 15
9.1
Application Information............................................ 15
9.2
Typical Applications ................................................ 19
10
Power Supply Recommendations ..................... 21
11
Layout................................................................... 21
11.1
Layout Guidelines ................................................. 21
11.2
Layout Example .................................................... 21
12
Device and Documentation Support ................. 22
12.1
Community Resources.......................................... 22
12.2
Trademarks ........................................................... 22
12.3
Electrostatic Discharge Caution ............................ 22
12.4
Glossary ................................................................ 22
13
Mechanical, Packaging, and Orderable
Information ........................................................... 22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (December 2010) to Revision A
Page
•
Updated data sheet title, Features, Applications, and Description......................................................................................... 1
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section,
Mechanical, Packaging, and Orderable Information section, Pin Configuration and Functions section,
Recommended Operating Conditions Table, and Thermal Information Table ....................................................................... 1
•
Added Device Comparison Table........................................................................................................................................... 3
•
Changed V+ to VS throughout ................................................................................................................................................ 4
•
Changed MAX value 18 to (VS) + 0.3 for Comparator output pins......................................................................................... 4
•
Changed MAX value 10 to (VS) up to 10 for 1.2-V REF and CMP2 DELAY pins.................................................................. 4
•
Changed pin names in Absolute Maximum Ratings to show correct names ......................................................................... 4
•
Added Operating Temperature to Absolute Maximum Ratings table ..................................................................................... 4
•
Changed CMP2 IN– to CMP2 IN+ in Electrical Characteristics: Current-Shunt Monitor condition statement ....................... 5
•
Changed CMP2 IN– to CMP2 IN+ in Electrical Characteristics: General condition statement .............................................. 7
•
Updated Overview section.................................................................................................................................................... 12
•
Deleted 10-pin device image ................................................................................................................................................ 12
•
Changed text from "RFILT – 3%" to "RFILT + 3%" in 2nd paragraph of Input Filtering section ......................................... 16
•
Changed Figure 35 caption .................................................................................................................................................. 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com