Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L4S5AI Datasheet(PDF) 144 Page - STMicroelectronics

Part # STM32L4S5AI
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, AESHASH
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4S5AI Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM32L4S5AI Datasheet HTML 140Page - STMicroelectronics STM32L4S5AI Datasheet HTML 141Page - STMicroelectronics STM32L4S5AI Datasheet HTML 142Page - STMicroelectronics STM32L4S5AI Datasheet HTML 143Page - STMicroelectronics STM32L4S5AI Datasheet HTML 144Page - STMicroelectronics STM32L4S5AI Datasheet HTML 145Page - STMicroelectronics STM32L4S5AI Datasheet HTML 146Page - STMicroelectronics STM32L4S5AI Datasheet HTML 147Page - STMicroelectronics STM32L4S5AI Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 275 page
background image
IDD
(Standby with
RTC)
Supply current in Standby
mode (backup registers
retained),
RTC enabled
RTC clocked
by LSI, no
independent
watchdog
1.8 V
370
640
2100
5300
13500 1100 1400 6400 16000
41000
nA
2.4 V
455
760
2500
6250
15500 1200 1700 6800 18000
47000
3 V
560
930
3050
7650
19000 1300 1900 8100 21000
55000
3.6 V
690
1150
3700
9200
23000 1400 2400 9000 24000
62000
(2)
RTC clocked
by LSI, with
independent
watchdog
1.8 V
420
-
-
-
-
-
-
-
-
-
2.4 V
525
-
-
-
-
-
-
-
-
-
3 V
645
-
-
-
-
-
-
-
-
-
3.6 V
795
-
-
-
-
-
-
-
-
-
RTC clocked
by LSE
bypassed at
32768 Hz
1.8 V
480
750
2200
5400
13500
-
-
-
-
-
nA
2.4 V
615
930
2650
6400
15500
-
-
-
-
-
3 V
770
1150
3250
7900
19500
-
-
-
-
-
3.6 V
975
1450
3950
9500
23000
-
-
-
-
-
RTC clocked
by LSE
quartz(3) in low
drive mode
1.8 V
420
685
2150
5400
13500
-
-
-
-
-
2.4 V
520
830
2550
6400
15500
-
-
-
-
-
3 V
650
1000
3100
7800
19500
-
-
-
-
-
3.6 V
825
1300
3800
9400
23000
-
-
-
-
-
IDD
(SRAM2)(4)
Supply current to be added in
Standby mode when SRAM2
is retained
-
1.8 V
380
1420
5600 13300 28500
-
-
-
-
-
nA
2.4 V
380
1410
5650 12950 29000
-
-
-
-
-
3 V
385
1415
5600 13000 28500
-
-
-
-
-
3.6 V
400
1435
5700 13150 29000
-
-
-
-
-
Table 40. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C 105°C 125°C 25°C 55°C 85°C 105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com