Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2103 Datasheet(PDF) 10 Page - SMSC Corporation

Part # EMC2103
Description  RPM-Based Fan Controller with HW Thermal Shutdown
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2103 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button EMC2103 Datasheet HTML 6Page - SMSC Corporation EMC2103 Datasheet HTML 7Page - SMSC Corporation EMC2103 Datasheet HTML 8Page - SMSC Corporation EMC2103 Datasheet HTML 9Page - SMSC Corporation EMC2103 Datasheet HTML 10Page - SMSC Corporation EMC2103 Datasheet HTML 11Page - SMSC Corporation EMC2103 Datasheet HTML 12Page - SMSC Corporation EMC2103 Datasheet HTML 13Page - SMSC Corporation EMC2103 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
RPM-Based Fan Controller with HW Thermal Shutdown
Datasheet
Revision 0.85 (01-29-08)
10
SMSC EMC2103
DATASHEET
Figure 2.2 EMC2103-2 Pin Diagram (16 pin QFN)
Table 2.1 Pin Description for EMC2103
PIN NUMBER
EMC2103-1
PIN NUMBER
EMC2103 -2
PIN NAME
PIN FUNCTION
PIN TYPE
11
DN1
Negative (cathode) analog input for
External Diode 1.
AIO
22
DP1
Positive (anode) analog input for
External Diode 1.
AIO
3
3
VDD
Power Supply
Power
N/A
4
GPIO1
GPI1 - General Purpose Input
(default)
DI (5V)
GPO1 - Open Drain digital output
OD (5V)
GPO1 - Push-pull digital output
DO
EMC2103-2
16-QFN
2
3
4
12
11
10
DN1
DP1
VDD
SMCLK
TACH
GND
PWM
9
1
GPIO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com