Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2103 Datasheet(PDF) 82 Page - SMSC Corporation

Part # EMC2103
Description  RPM-Based Fan Controller with HW Thermal Shutdown
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2103 Datasheet(HTML) 82 Page - SMSC Corporation

Back Button EMC2103 Datasheet HTML 76Page - SMSC Corporation EMC2103 Datasheet HTML 77Page - SMSC Corporation EMC2103 Datasheet HTML 78Page - SMSC Corporation EMC2103 Datasheet HTML 79Page - SMSC Corporation EMC2103 Datasheet HTML 80Page - SMSC Corporation EMC2103 Datasheet HTML 81Page - SMSC Corporation EMC2103 Datasheet HTML 82Page - SMSC Corporation EMC2103 Datasheet HTML 83Page - SMSC Corporation EMC2103 Datasheet HTML 84Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
RPM-Based Fan Controller with HW Thermal Shutdown
Datasheet
Revision 0.85 (01-29-08)
82
SMSC EMC2103
DATASHEET
1824
39
4312
5920
B9
1328
1856
3A
4237
5952
BA
1321
1888
3B
4165
5984
BB
1314
1920
3C
4096
6016
BC
1307
1952
3D
4029
6048
BD
1300
1984
3E
3964
6080
BE
1293
2016
3F
3901
6112
BF
1287
2048
40
3840
6144
C0
1280
2080
41
3781
6176
C1
1273
2112
42
3724
6208
C2
1267
2144
43
3668
6240
C3
1260
2176
44
3614
6272
C4
1254
2208
45
3562
6304
C5
1248
2240
46
3511
6336
C6
1241
2272
47
3461
6368
C7
1235
2304
48
3413
6400
C8
1229
2336
49
3367
6432
C9
1223
2368
4A
3321
6464
CA
1217
2400
4B
3277
6496
CB
1211
2432
4C
3234
6528
CC
1205
2464
4D
3192
6560
CD
1199
2496
4E
3151
6592
CE
1193
2528
4F
3111
6624
CF
1187
2560
50
3072
6656
D0
1182
2592
51
3034
6688
D1
1176
2624
52
2997
6720
D2
1170
2656
53
2961
6752
D3
1165
2688
54
2926
6784
D4
1159
2720
55
2891
6816
D5
1154
2752
56
2858
6848
D6
1148
2784
57
2825
6880
D7
1143
Table B.1 Tachometer Count to RPM Look Up Table (Range = 1000 RPM) (continued)
TACH COUNT
(DECIMAL)
REGISTER
READING (HEX)
FAN SPEED
(RPM)
TACH COUNT
(DECIMAL)
REGISTER
READING
(HEX)
FAN SPEED
(RPM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com