Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2103 Datasheet(PDF) 29 Page - SMSC Corporation

Part # EMC2103
Description  RPM-Based Fan Controller with HW Thermal Shutdown
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2103 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button EMC2103 Datasheet HTML 25Page - SMSC Corporation EMC2103 Datasheet HTML 26Page - SMSC Corporation EMC2103 Datasheet HTML 27Page - SMSC Corporation EMC2103 Datasheet HTML 28Page - SMSC Corporation EMC2103 Datasheet HTML 29Page - SMSC Corporation EMC2103 Datasheet HTML 30Page - SMSC Corporation EMC2103 Datasheet HTML 31Page - SMSC Corporation EMC2103 Datasheet HTML 32Page - SMSC Corporation EMC2103 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
RPM-Based Fan Controller with HW Thermal Shutdown
Datasheet
SMSC EMC2103
29
Revision 0.85 (01-29-08)
DATASHEET
3. Set the Fan Step Register to the desired step size.
4. Set the Fan Minimum Drive Register to the minimum drive value that will maintain fan operation.
5. Set the Update Time, and Edges options in the Fan Configuration Register.
6. Set the valid TACH count setting at the highest count that indicates that the fan is spinning.
7. Set the TACH Target Register to the desired tachometer count.
8. Enable the RPM based Fan Speed Control Algorithm by setting the EN_ALGO bit.
5.6
Tachometer Measurement
The tachometer measurement circuitry is used in conjunction with the RPM based Fan Speed Control
Algorithm to update the fan driver output. Additionally, it can be used in Direct Setting mode as a
diagnostic for host based fan control.
This method monitors the TACH signal in real time. It constantly updates the tachometer measurement
by reporting the number of clocks between a user programmed number of edges on the TACH signal
(see Table 8.5)
Using the Tach Period Measurement method provides fast response times for the RPM based Fan
Speed Control Algorithm and the data is presented as a count value that represents the fan RPM
period. When this method is used, all fan target values must be input as a count value for proper
operation.
APPLICATION NOTE: The Tach Period Measurement method works independently of the drive settings. If the
device is put into Direct Setting and the fan drive is set at a level that is lower than the fan
can operate (including zero drive), then the tachometer measurement may signal a Stalled
Fan condition and assert an interrupt.
5.6.1
Stalled Fan
A Stalled fan is detected differently based on which tach method is enabled. If the Tach Period
Measurement measurement method is implemented, and if the tach counter exceeds the user-
programmable Valid TACH Count setting then it will flag the fan as stalled and trigger an interrupt.
If the RPM based Fan Speed Control Algorithm is enabled, the algorithm will automatically attempt to
restart the fan until it detects a valid tachometer level or is disabled.
The FAN_STALL Status bit indicates that a stalled fan was detected. This bit is checked conditionally
depending on the mode of operation.
When the Direct Setting Mode or Direct Setting with LUT Mode are enabled or the Spin Up Routine
is initiated, the FAN_STALL interrupt will be masked for the duration of the programmed Spin Up
Time (see Table 8.16). This is to allow the fan opportunity to reach a valid speed without generating
unnecessary interrupts.
When the Direct Setting Mode or Direct Setting w/ LUT Mode are activated then whenever the
TACH Reading Register value exceeds the Valid TACH Count Register setting, the FAN_STALL
status bit will be set.
When using the RPM based Fan Speed Control Algorithm (either FSC Mode or LUT with FSC
Mode), the stalled fan condition is checked whenever the Update Time is met and the fan drive
setting is updated. It is not a continuous check.
5.6.2
Aging Fan or Invalid Drive Detection
The EMC2103 contains circuitry that detects that the programmed fan speed can be reached by the
fan. If the target fan speed cannot be reached within a user defined band of tach counts at maximum
drive then the DRIVE_FAIL status bit is and the ALERT pin is asserted. This is useful to detect aging
fan conditions (where the fan’s natural maximum speed degrades over time) or incorrect fan speed
settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com