Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2103 Datasheet(PDF) 67 Page - SMSC Corporation

Part # EMC2103
Description  RPM-Based Fan Controller with HW Thermal Shutdown
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2103 Datasheet(HTML) 67 Page - SMSC Corporation

Back Button EMC2103 Datasheet HTML 63Page - SMSC Corporation EMC2103 Datasheet HTML 64Page - SMSC Corporation EMC2103 Datasheet HTML 65Page - SMSC Corporation EMC2103 Datasheet HTML 66Page - SMSC Corporation EMC2103 Datasheet HTML 67Page - SMSC Corporation EMC2103 Datasheet HTML 68Page - SMSC Corporation EMC2103 Datasheet HTML 69Page - SMSC Corporation EMC2103 Datasheet HTML 70Page - SMSC Corporation EMC2103 Datasheet HTML 71Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
RPM-Based Fan Controller with HW Thermal Shutdown
Datasheet
SMSC EMC2103
67
Revision 0.85 (01-29-08)
DATASHEET
If the output is configured as a push-pull output, then output pin will immediately be driven to match
the corresponding bit setting.
Bit 1 - GPIO2_OUT - Controls the pin state of the GPIO2 pin when it is configured as a GPIO output.
Bit 0 - GPIO1_OUT - Controls the pin state of the GPIO1 pin when it is configured as a GPIO output.
6.38
GPIO Interrupt Enable Register (EMC2103-2 Only)
The GPIO Interrupt Enable Register enables the GPIOs to assert the ALERT pin when they change
state. When the GPIO pins are configured as outputs, then these bits are ignored.
Bit 1 - GPIO2_INT_EN - Allows the ALERT pin to be asserted when the GPIO2 pin changes state
(when configured as an input).
‘0’ (default) - The ALERT pin will not be asserted when the GPIO2 pin changes state (when
configured as an input).
‘1’ - The ALERT pin will be asserted when the GPIO2 pin changes state (when configured as an
input)
Bit 0 - GPIO1_INT_EN - Allows the ALERT pin to be asserted when the GPIO1 pin changes state
(when configured as an input).
‘0’ (default) - The ALERT pin will not be asserted when the GPIO1 pin changes state (when
configured as an input).
‘1’ - The ALERT pin will be asserted when the GPIO1 pin changes state (when configured as an
input)
6.39
GPIO Status Register (EMC2103-2 Only)
The GPIO Status Register indicates which GPIO has changed states to cause the ALERT pin to be
asserted. This register is cleared when it is read. The bits in this register are set whenever the
corresponding GPIO changes states regardless if the ALERT pins are asserted. Once a bit is set, it
will remain set until read.
If any bit in this register is set, then the GPIO status bit will be set.
Bit 1 - GPIO2_STS - Indicates that the GPIO2 pin has changed states from a ‘0’ to a ‘1’ or a ‘1’ to a
‘0’ (when configured as a GPIO input).
Bit 0 - GPIO1_STS - Indicates that the GPIO1 pin has changed states from a ‘0’ to a ‘1’ or a ‘1’ to a
‘0’ (when configured as a GPIO input).
Table 6.54 GPIO Interrupt Enable Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
E5h
R/W
GPIO
Interrupt
Enable
--
GPIO2_
INT_EN
GPIO1_
INT_EN
00h
Table 6.55 GPIO Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
E6h
R-C
GPIO
Status
--
GPIO2_
STS
GPIO1_
STS
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com