| Electronic Components Datasheet Search |
|
EMC2103 Datasheet(PDF) 21 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
EMC2103 Datasheet(HTML) 21 Page - SMSC Corporation |
|
21 / 84 page ![]() RPM-Based Fan Controller with HW Thermal Shutdown Datasheet SMSC EMC2103 21 Revision 0.85 (01-29-08) DATASHEET 5.1 Critical/Thermal Shutdown The EMC2103 provides a hardware Critical/Thermal Shutdown function for systems. Figure 5.2 is a block diagram of this Critical/Thermal Shutdown function. The Critical/Thermal Shutdown function accepts configuration information from the fixed states of the SHDN_SEL pin as described in Section 5.1.1. Each of the software programmed temperature limits can be optionally configured to act as inputs to the Critical / Thermal Shutdown independent of the hardware shutdown operation. When configured to operate this way, the SYS_SHDN# pin will be asserted when the temperature meets or exceeds the limit. The pin will be released when the temperature drops below the limit however the individual status bits will not be cleared if set (see Section 6.13). The analog portion of the Critical/Thermal Shutdown function monitors the hardware determined shutdown channel (see Section 5.1.1). This measured temperature is then compared with TRIP_SET point. This TRIP_SET point is set by the system designer with a single external resistor divider as described in Section 5.1.2. The SYS_SHDN is asserted when the indicated temperature meets or exceeds the temperature threshold (TP) established by the TRIP_SET input pin for a number of consecutive measurements defined by the fault queue. If the HW_SHDN output is asserted and the temperature drops below the threshold, then it will be set to a logic ‘0’ state. Figure 5.2 Block Diagram of Critical / Thermal Shutdown Temperature Conversion HW_SHDN H/W Thermal Shutdown Sensor Critical / Thermal Shutdown SMBus Traffic SW_SHDN SYS_SHDN Temperature Conversion Software Shutdown Enable TRIP_SET Resistor Decode VDD SHDN_SEL |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |