Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2103 Datasheet(PDF) 83 Page - SMSC Corporation

Part # EMC2103
Description  RPM-Based Fan Controller with HW Thermal Shutdown
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2103 Datasheet(HTML) 83 Page - SMSC Corporation

Back Button EMC2103 Datasheet HTML 76Page - SMSC Corporation EMC2103 Datasheet HTML 77Page - SMSC Corporation EMC2103 Datasheet HTML 78Page - SMSC Corporation EMC2103 Datasheet HTML 79Page - SMSC Corporation EMC2103 Datasheet HTML 80Page - SMSC Corporation EMC2103 Datasheet HTML 81Page - SMSC Corporation EMC2103 Datasheet HTML 82Page - SMSC Corporation EMC2103 Datasheet HTML 83Page - SMSC Corporation EMC2103 Datasheet HTML 84Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
RPM-Based Fan Controller with HW Thermal Shutdown
Datasheet
SMSC EMC2103
83
Revision 0.85 (01-29-08)
DATASHEET
2816
58
2793
6912
D8
1138
2848
59
2761
6944
D9
1133
2880
5A
2731
6976
DA
1127
2912
5B
2701
7008
DB
1122
2944
5C
2671
7040
DC
1117
2976
5D
2643
7072
DD
1112
3008
5E
2614
7104
DE
1107
3040
5F
2587
7136
DF
1102
3072
60
2560
7168
E0
1097
3104
61
2534
7200
E1
1092
3136
62
2508
7232
E2
1087
3168
63
2482
7264
E3
1083
3200
64
2458
7296
E4
1078
3232
65
2433
7328
E5
1073
3264
66
2409
7360
E6
1069
3296
67
2386
7392
E7
1064
3328
68
2363
7424
E8
1059
3360
69
2341
7456
E9
1055
3392
6A
2318
7488
EA
1050
3424
6B
2297
7520
EB
1046
3456
6C
2276
7552
EC
1041
3488
6D
2255
7584
ED
1037
3520
6E
2234
7616
EE
1033
3552
6F
2214
7648
EF
1028
3584
70
2194
7680
F0
1024
3616
71
2175
7712
F1
1020
3648
72
2156
7744
F2
1016
3680
73
2137
7776
F3
1011
3712
74
2119
7808
F4
1007
3744
75
2101
7840
F5
1003
3776
76
2083
7872
F6
999
3808
77
2065
7904
F7
995
Table B.1 Tachometer Count to RPM Look Up Table (Range = 1000 RPM) (continued)
TACH COUNT
(DECIMAL)
REGISTER
READING (HEX)
FAN SPEED
(RPM)
TACH COUNT
(DECIMAL)
REGISTER
READING
(HEX)
FAN SPEED
(RPM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com