Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2103 Datasheet(PDF) 22 Page - SMSC Corporation

Part # EMC2103
Description  RPM-Based Fan Controller with HW Thermal Shutdown
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2103 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button EMC2103 Datasheet HTML 18Page - SMSC Corporation EMC2103 Datasheet HTML 19Page - SMSC Corporation EMC2103 Datasheet HTML 20Page - SMSC Corporation EMC2103 Datasheet HTML 21Page - SMSC Corporation EMC2103 Datasheet HTML 22Page - SMSC Corporation EMC2103 Datasheet HTML 23Page - SMSC Corporation EMC2103 Datasheet HTML 24Page - SMSC Corporation EMC2103 Datasheet HTML 25Page - SMSC Corporation EMC2103 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
RPM-Based Fan Controller with HW Thermal Shutdown
Datasheet
Revision 0.85 (01-29-08)
22
SMSC EMC2103
DATASHEET
5.1.1
SHDN_SEL Pin
The EMC2103 has a ‘strappable’ input (SHDN_SEL) allowing for configuration of the hardware
Critical/Thermal Shutdown input channel. The pull-up resistor used on this pin identifies which
configuration setting is used as shown in Table 5.1.
.
Note 5.1
For the EMC2103-1, the decode for a 22k Ohm resistor on the SHDN_SEL pin will be to
use the External Diode 1 channel in Diode Mode (the same as the decode for a 6.8k Ohm
resistor) as the hardware shutdown device.
5.1.2
TRIP_SET Pin
The EMC2103’s TRIP_SET pin is an analog input to the Critical/Thermal Shutdown block which sets
the Thermal Shutdown temperature. The system designer creates a voltage level at the input through
a simple resistor connected to GND as shown in Figure 5.2. The value of this resistor is used to create
an input voltage on the TRIP_SET pin which is translated into a temperature ranging from 65°C to
127°C as shown in Table 5.2
APPLICATION NOTE: Current only flows when the TRIP_SET pin is being monitored. At all other times, the internal
reference voltage is removed and the TRIP_SET pin will be pulled down to ground.
APPLICATION NOTE: The TRIP_SET pin circuitry is designed to use a 1% resistor externally. Using a 1% resistor
will result in the Thermal / Critical Shutdown temperature being decoded correctly. If a 5%
resistor is used, then the Thermal / Critical Shutdown temperature may be decoded with as
much as ±1°C error.
Table 5.1 SHDN_SEL Pin Decode
PULL UP RESISTOR
MODE OF OPERATION
CONFIGURATION MECHANISM
< 4.7k Ohm
External Diode 1 Simple Mode -
Beta compensation disabled, REC
disabled - recommended for AMD
CPU diodes
Host control via SMBus
6.8k Ohm
External Diode 1 Diode Mode -
Beta compensation disabled, REC
enabled
Host control via SMBus
10k Ohm
External Diode 1 Transistor Mode -
Beta compensation enabled, REC
enabled - recommended for Intel
45nm and 65mn CPU diodes
Host control via SMBus
15k Ohm
Internal Diode
Host control via SMBus
22k Ohm
External Diode 2 Transistor Mode -
Beta Compensation enabled, REC
enabled (EMC2103-2 only) See
Note 5.1
Host control via SMBus
> 33k Ohm
External Diode 1 Transistor Mode -
Beta compensation enabled, REC
enabled
Host control via SMBus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com