Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2103 Datasheet(PDF) 69 Page - SMSC Corporation

Part # EMC2103
Description  RPM-Based Fan Controller with HW Thermal Shutdown
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2103 Datasheet(HTML) 69 Page - SMSC Corporation

Back Button EMC2103 Datasheet HTML 65Page - SMSC Corporation EMC2103 Datasheet HTML 66Page - SMSC Corporation EMC2103 Datasheet HTML 67Page - SMSC Corporation EMC2103 Datasheet HTML 68Page - SMSC Corporation EMC2103 Datasheet HTML 69Page - SMSC Corporation EMC2103 Datasheet HTML 70Page - SMSC Corporation EMC2103 Datasheet HTML 71Page - SMSC Corporation EMC2103 Datasheet HTML 72Page - SMSC Corporation EMC2103 Datasheet HTML 73Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
RPM-Based Fan Controller with HW Thermal Shutdown
Datasheet
SMSC EMC2103
69
Revision 0.85 (01-29-08)
DATASHEET
6.42
Product ID Register
The Product ID Register contains a unique 8-bit word that identifies the product.
6.43
Manufacturer ID Register
The Manufacturer ID Register contains an 8-bit word that identifies SMSC.
6.44
Revision Register
The Revision Register contains an 8-bit word that identifies the die revision.
‘0’ - The lower 3 bits are writable for a range of 1.0053 to 1.0146
‘1’ - The lower 4 bits are writable for a range of 1.0053 to 1.0253
DBh - IDCF Trim Register - sets the default value for the IDCF1 Register.
Table 6.59 Product ID Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FDh
R
Product ID
Register
(EMC2103-1)
001
0010
0
24h
Product ID
Register
(EMC2103-2)
001
0011
0
26h
Table 6.60 Manufacturer ID Register
ADDR
R/W
REGISTER
B7B6B5B4B3
B2B1B0
DEFAULT
FEh
R
Manufacturer
ID
01011
101
5Dh
Table 6.61 Revision Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FFh
R
Revision
0
0
0
0
0
0
0
1
01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com