Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2103 Datasheet(PDF) 35 Page - SMSC Corporation

Part # EMC2103
Description  RPM-Based Fan Controller with HW Thermal Shutdown
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2103 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button EMC2103 Datasheet HTML 31Page - SMSC Corporation EMC2103 Datasheet HTML 32Page - SMSC Corporation EMC2103 Datasheet HTML 33Page - SMSC Corporation EMC2103 Datasheet HTML 34Page - SMSC Corporation EMC2103 Datasheet HTML 35Page - SMSC Corporation EMC2103 Datasheet HTML 36Page - SMSC Corporation EMC2103 Datasheet HTML 37Page - SMSC Corporation EMC2103 Datasheet HTML 38Page - SMSC Corporation EMC2103 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
RPM-Based Fan Controller with HW Thermal Shutdown
Datasheet
SMSC EMC2103
35
Revision 0.85 (01-29-08)
DATASHEET
Chapter 6 Register Set
6.1
Register Map
The following registers are accessible through the SMBus Interface. All register bits marked as ‘-’ will
always read ‘0’. A write to these bits will have no effect.
APPLICATION NOTE: All registers denoted with a ** are specific to the EMC2103-2 only. Writing to these registers
by the EMC2103-1 will have no affect and reading from them will return ‘00h’.
Table 6.1 EMC2103 Register Set
ADDR
R/W
REGISTER
NAME
FUNCTION
DEFAULT
VALUE
LOCK
PAGE
Temperature Registers
00h
R
Internal Temp
Reading High
Byte
Stores the integer data of the Internal
Diode
00h
No
Page 42
01h
R
Internal Temp
Reading Low Byte
Stores the fractional data of the
Internal Diode
00h
No
Page 42
02h
R
External Diode 1
Temp Reading
High Byte
Stores the integer data of External
Diode 1
00h
No
Page 42
03h
R
External Diode 1
Temp Reading
Low Byte
Stores the fractional data of External
Diode 1
00h
No
Page 42
04h **
R
External Diode 2
Temp Reading
High Byte **
Stores the integer data of External
Diode 2
00h
No
Page 42
05h **
R
External Diode 2
Temp Reading
Low Byte **
Stores the fractional data of External
Diode 2
00h
No
Page 42
06h **
R
External Diode 3
Temp Reading
High Byte **
Stores the integer data of External
Diode 3
00h
No
Page 42
07h **
R
External Diode 3
Temp Reading
Low Byte **
Stores the fractional data of External
Diode 3
00h
No
Page 42
0Ah
R
Critical/Thermal
Shutdown
Temperature
Stores the calculated Critical/Thermal
Shutdown temperature high limit
derived from TRIP_SET pin voltage
N/A
No
Page 43
0Ch
R/W
Pushed
Temperature 1
Stores the integer data for Pushed
Temperature 1 to drive the LUT
00h
No
Page 43
0Dh
R/W
Pushed
Temperature 2
Stores the integer data for Pushed
Temperature 2 to drive the LUT
00h
No
Page 43
10h
R
TRIP_SET
Voltage
Stores the measured voltage on the
TRIP_SET pin
FFh
No
Page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com