| Electronic Components Datasheet Search |
|
L99PM72PXP Datasheet(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99PM72PXP Datasheet(HTML) 47 Page - STMicroelectronics |
|
47 / 128 page ![]() L99PM72PXP Protection and diagnosis Doc ID 023553 Rev 3 47/128 In case of overload or overtemperature (TSD1) condition, the drivers switch off. The according status bit is latched and can be read and optionally cleared by SPI. The drivers remain off until the status is cleared. In case VS overvoltage or undervoltage condition, the drivers are switched off. The according status bit is latched and can be read and optionally cleared by SPI. If the VLOCK_OUT_EN bit (Control Register 4) is set to ‘1’ the drivers remain off until the status is cleared. If the VLOCK_OUT_EN bit is set to ‘0’ the drivers are switched on automatically if the error condition disappears. With the LS_OV/UV_shutdown_en bit (Control Register 4) the drivers can be excluded from a switch off in case of VS overvoltage or undervoltage. If the bit is set to ‘1’ the driver switches off, otherwise the drivers remain on. 3.5 SPI diagnosis Digital diagnosis features are provided by SPI (for details please refer to Section 6.2: SPI registers) ● V1 reset threshold programmable ● Overtemperature including. pre warning ● Open load separately for each output stage except REL1/REL2 ● Overload status separately for each output stage ● VS-supply overvoltage/undervoltage ● V1 and V2 fail bit ● V2 output short to GND ● Status of the WU1...3 ● Wake-up sources (CAN, LIN, SPI, Timer, WU1…3) ● Chip reset bit (start from power-on reset) ● Number of unsuccessful V1 restarts after thermal shutdown ● Number of sequential watchdog failures ● LIN diagnosis (permanent recessive/dominant, dominant TxD) ● CAN diagnosis (permanent recessive/dominant, dominant TxD, recessive RXD) ● Device State (wake-up from V1_standby or Vbat_standby) ● Forced Vbat_standby after WD-fail, forced Vbat_standby after overtemperature ● Watchdog timer state (diagnosis of watchdog) ● Failsafe status ● SPI communication error ● Diagnosis of selective wake functionality according to ISO 11898-6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |