Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72PXP Datasheet(PDF) 56 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 52Page - STMicroelectronics L99PM72PXP Datasheet HTML 53Page - STMicroelectronics L99PM72PXP Datasheet HTML 54Page - STMicroelectronics L99PM72PXP Datasheet HTML 55Page - STMicroelectronics L99PM72PXP Datasheet HTML 56Page - STMicroelectronics L99PM72PXP Datasheet HTML 57Page - STMicroelectronics L99PM72PXP Datasheet HTML 58Page - STMicroelectronics L99PM72PXP Datasheet HTML 59Page - STMicroelectronics L99PM72PXP Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 128 page
background image
Electrical specifications
L99PM72PXP
56/128
Doc ID 023553 Rev 3
5.5.2
Oscillator
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 4.5 V < VS < 28 V; Tj = -40°C to 130°C, unless otherwise specified.
All outputs open; Tj = -40°C to 130°C, unless otherwise specified.
5.5.3
Power-on reset (VS)
5.5.4
Voltage regulator V1
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 4.5 V < VS < 28 V; Tj = -40°C to 130°C, unless otherwise specified.
Table 15.
Oscillator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
FCLK
Oscillation frequency
0.80
1.0
1.35
MHz
Table 16.
Power-on reset (VS)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VPOR
VPOR threshold
VS increasing
3.45
4.5
V
VS decreasing
(1)
1.
This threshold is valid if VS had already reached 7 V previously.
2.35
3.5
V
Table 17.
Voltage regulator V1
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
V1
Output voltage
5.0
V
Output voltage tolerance
active mode
ILOAD = 4 mA to 100 mA;
VS =13.5V
-2
2
%
Vhc1
Output voltage tolerance;
active mode; high current
ILOAD = 100 mA to 250 mA;
VS =13.5V
-3
3
%
ILOAD =250 mA;
VS =13.5V
-5
5
%
VSTB1
Output voltage tolerance
V1_standby mode
ILOAD = 0 µA to 4 mA;
VS =13.5V
-2
4
%
VDP1
Drop-out voltage
ILOAD =50mA; VS =5V
0.2
0.4
V
ILOAD =100 mA; VS =4.5 V
0.2
0.5
V
ILOAD =100 mA; VS =5V
0.3
0.5
V
ILOAD = 150 mA; VS = 4.5 V
0.45
0.6
V
ILOAD = 150 mA; VS = 5.0 V
0.45
0.6
V
ICC1
Output current in active mode
Max. continuous load
current
250
mA
ICCmax1 Short circuit output current
Current limitation
340
600
900
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com