Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72PXP Datasheet(PDF) 36 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 32Page - STMicroelectronics L99PM72PXP Datasheet HTML 33Page - STMicroelectronics L99PM72PXP Datasheet HTML 34Page - STMicroelectronics L99PM72PXP Datasheet HTML 35Page - STMicroelectronics L99PM72PXP Datasheet HTML 36Page - STMicroelectronics L99PM72PXP Datasheet HTML 37Page - STMicroelectronics L99PM72PXP Datasheet HTML 38Page - STMicroelectronics L99PM72PXP Datasheet HTML 39Page - STMicroelectronics L99PM72PXP Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
Detailed description
L99PM72PXP
36/128
Doc ID 023553 Rev 3
Figure 20.
CAN transceiver state diagram if selective wake-up is enabled (CR16 SW_EN = 1)
TRX Normal Mode
Full functionality of the CAN-Transceiver is available (transmitter and receiver) and the bus
biasing is enabled.
State transitions from 'TRX Normal' mode to 'VBat_standby' and 'V1_standby' are possible. No
interrupt is generated in this mode.
CAN TRX_STBY Mode
The CAN-Transmitter is disabled in this mode and the RxDC-pin is kept at high ('recessive')
level.
If selective wake-up is enabled (SW_EN=1), the receiver, CAN biasing and the reference
oscillator are active. Once a wake up frame (WUF) is detected by the internal CAN frame
detection logic, this wake-up event is indicated to the micro-controller by an interrupt signal
(see Section 2.2.5: Interrupt for more details). A wake-up pattern (WUP) is not required and
does not count as a frame error.
Since a further CAN-timeout cannot be indicated, if the CAN_TO bit has already been set, it
is recommended to clear this bit before entering V1_standby Mode.
If selective wake-up is disabled (SW_EN = 0), the CAN-Receiver is capable to detect a
wake-up pattern (WUP). In V1_standby Mode and Active Mode, a WUP is indicated to the
micro-controller by an interrupt signal (see Section 2.2.5: Interrupt for more details). In this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com