Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72PXP Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 15Page - STMicroelectronics L99PM72PXP Datasheet HTML 16Page - STMicroelectronics L99PM72PXP Datasheet HTML 17Page - STMicroelectronics L99PM72PXP Datasheet HTML 18Page - STMicroelectronics L99PM72PXP Datasheet HTML 19Page - STMicroelectronics L99PM72PXP Datasheet HTML 20Page - STMicroelectronics L99PM72PXP Datasheet HTML 21Page - STMicroelectronics L99PM72PXP Datasheet HTML 22Page - STMicroelectronics L99PM72PXP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 128 page
background image
L99PM72PXP
Detailed description
Doc ID 023553 Rev 3
19/128
A cyclic supply of external contacts and a synchronized monitoring of the contact state can
be activated and configured by SPI.
In V1_standby mode various wake-up sources can be individually programmed. Each wake-
up event puts the device into Active Mode and forces the RxDL/NINT pin to a low level
indicating the wake-up condition to the microcontroller.
After Power ON Reset (POR) all wake up sources are activated by default except the
periodic interrupt / wake timer.
With the interrupt timer the micro controller can be forced from 'stop' to 'run' after a
programmable period. The RxDL/NINT pin is forced low after the timer is elapsed. The
L99PM72PXP enters active mode and is awaiting a valid watchdog trigger.
Both internal timers can be used for this feature.
The interrupt timer (TINT) at pin RxDL/NINT is only available in V1_standby mode.
Note:
Inputs TxDL, TxDC must be at recessive (high) level and CSN must be at high level or at
high impedance in order to achieve minimum standby current in V1_standby Mode.
Inputs DI and CLK must be at GND or at high impedance to achieve minimum standby
current in V1_standby Mode.
2.2.5
Interrupt
The interrupt signal (linked to RxDL/NINT) indicates a wake-up event from V1_standby mode.
In case of a wake-up by Wake-up Inputs, activity on LIN or CAN, SPI access or Timer-
Interrupt the RxDL/NINT pin is pulled low for t = tinterrupt.
When CAN_ACT = 0 (during V1_standby Mode or Active Mode) a WUP (SW_EN = 0) or a
WUF (SW_EN = 1) generates an interrupt on RxDC/NINT to signalize CAN communication
on the bus to the µC.
In case of a CAN communication timeout an interrupt at RxDC /NINT is generated and the
CAN_TO flag is set.
In case of V1_standby mode and (IV1 >ICMP), the device remains in standby mode, the V1
regulator switches to high current mode and the watchdog starts. No Interrupt signal is
generated.
Table 3.
CAN wake-up signalization
Operating
mode
Event
Wake-up
transition to
active
Status flag
Interrupt
Transceiver
state
Active
WUP or WUF(1)
Not applicable
Wake_CAN WUP
or
WUP/WUF
RxDC
TRX_STBY
CAN timeout
CAN_TO
RxDC
TRX_STBY
V1_standby
WUP or WUF(1)
Yes
Wake_CAN WUP
or
WUP/WUF
RxDL
TRX_STBY
CAN timeout
No
CAN_TO
RxDC
TRX_STBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com