Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72PXP Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 14Page - STMicroelectronics L99PM72PXP Datasheet HTML 15Page - STMicroelectronics L99PM72PXP Datasheet HTML 16Page - STMicroelectronics L99PM72PXP Datasheet HTML 17Page - STMicroelectronics L99PM72PXP Datasheet HTML 18Page - STMicroelectronics L99PM72PXP Datasheet HTML 19Page - STMicroelectronics L99PM72PXP Datasheet HTML 20Page - STMicroelectronics L99PM72PXP Datasheet HTML 21Page - STMicroelectronics L99PM72PXP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 128 page
background image
Detailed description
L99PM72PXP
18/128
Doc ID 023553 Rev 3
Moreover, in Flash Mode the DO-output is a test output and cannot be used for device
communication. All other device features in Flash Mode are available as in Active Mode.
The CAN-Receiver is enabled in CAN Flash Mode by default; the CAN Transmitter has to be
enabled by setting the CAN_ACT bit to ‘1’.
A transition from Flash Modes to V1_standby or Vbat_standby is not possible.
The modes can be entered by applying an external voltage at the respective pin:
●
VTxDL > Vflash (CAN Flash Mode)
●
VTxDC > Vflash (LIN Flash Mode)
At exit from Flash Modes (VTxD <Vflash) no NReset pulse is generated and the watchdog
starts with a long open window.
Note:
Setting both TxDL and TxDC to high voltage levels (> Vflash) is not allowed Communication
at the respective TxD pin is not possible
2.2.3
SW-Debug Mode
To allow software debugging, the watchdog can be deactivated by setting CR34: WDEN = 0.
Write access to this bit is only possible during CAN Flash Mode in order to prevent
accidental deactivation of the watchdog. After setting the WDEN bit the CAN Flash Mode
can be left (VTxDL <VFlash) and the Watchdog remains deactivated (see Figure 8)
In SW-Debug Mode, the full device functionality is available.
Figure 8.
Sequence to enter and exit SW Debug Mode
2.2.4
V1_standby mode
The transition from Active Mode to V1_standby mode is controlled by SPI.
To supply the micro controller in a low power mode, the voltage regulator 1 (V1) remains
active. In order to reduce the current consumption, the regulator goes in low current mode
as soon as the supply current of the microcontroller goes below the ICMP current threshold.
At this transition, the L99PM72PXP also deactivates the internal watchdog.
Relay outputs, LIN and CAN Transmitters are switched off in V1_standby Mode. High side
outputs and the V2 regulator remain in the configuration programmed prior to the standby
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com