Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC563M60X Datasheet(PDF) 81 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 81 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 77Page - STMicroelectronics SPC563M60X Datasheet HTML 78Page - STMicroelectronics SPC563M60X Datasheet HTML 79Page - STMicroelectronics SPC563M60X Datasheet HTML 80Page - STMicroelectronics SPC563M60X Datasheet HTML 81Page - STMicroelectronics SPC563M60X Datasheet HTML 82Page - STMicroelectronics SPC563M60X Datasheet HTML 83Page - STMicroelectronics SPC563M60X Datasheet HTML 84Page - STMicroelectronics SPC563M60X Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 128 page
background image
DocID14642 Rev 12
81/128
SPC563M64x, SPC563M60x
Electrical characteristics
127
according to table Table 21 for all pins with fast pads and Table 22 for all pins with medium,
slow and multi-voltage pads(e).
4.8
DC electrical specifications
e.
If an external 3.3 V external regulator is used to supply current to the 1.2 V pass transistor and this supply also
supplies current for the other 3.3 V supplies, then the 5 V supply must always be greater than or equal to the
external 3.3 V supply.
Table 21. Power sequence pin states for fast pads
VDDE
VRC33
VDD
Fast (pad_fc)
LOW
X
X
LOW
VDDE
LOW
X
HIGH
VDDE
VRC33
LOW
HIGH IMPEDANCE
VDDE
VRC33
VDD
FUNCTIONAL
Table 22. Power sequence pin states for medium, slow and multi-voltage pads
VDDEH
VDD
Medium (pad_msr_hv)
Slow (pad_ssr_hv)
Multi-voltage (pad_multv_hv)
LOW
X
LOW
VDDEH
LOW
HIGH IMPEDANCE
VDDEH
VDD
FUNCTIONAL
Table 23. DC electrical specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VDD
SR
— Core supply voltage
—
1.14
—
1.32
V
VDDE
SR
— I/O supply voltage
—
1.62
—
3.6(1)
V
VDDEH
SR
— I/O supply voltage
—
3.0
—
5.25
V
VRC33
SR
—
3.3 V external
voltage(2)
—
3.0
—
3.6
V
VDDA
SR
— Analog supply voltage
—
4.75(3)
—5.25
V
VINDC
SR
— Analog input voltage(4)
—VSSA – 0.3
—
VDDA+0.3
V
VSS – VSSA
SR
— VSS differential voltage
—
–100
—
100
mV
VRL
SR
—
Analog reference low
voltage
—VSSA
—VSSA+0.1
V
VRL – VSSA
SR
— VRL differential voltage
—
–100
—
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com