Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC563M60X Datasheet(PDF) 33 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 29Page - STMicroelectronics SPC563M60X Datasheet HTML 30Page - STMicroelectronics SPC563M60X Datasheet HTML 31Page - STMicroelectronics SPC563M60X Datasheet HTML 32Page - STMicroelectronics SPC563M60X Datasheet HTML 33Page - STMicroelectronics SPC563M60X Datasheet HTML 34Page - STMicroelectronics SPC563M60X Datasheet HTML 35Page - STMicroelectronics SPC563M60X Datasheet HTML 36Page - STMicroelectronics SPC563M60X Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 128 page
background image
DocID14642 Rev 12
33/128
SPC563M64x, SPC563M60x
Overview
127
6 Interrupt conditions:
–
End of queue reached (EOQF)
–
TX FIFO is not full (TFFF)
–
Transfer of current frame complete (TCF)
–
Attempt to transmit with an empty Transmit FIFO (TFUF)
–
RX FIFO is not empty (RFDF)
–
FIFO Underrun (slave only and SPI mode, the slave is asked to transfer data
when the TxFIFO is empty)
–
FIFO Overrun (serial frame received while RX FIFO is full)
Modified transfer formats for communication with slower peripheral devices
Continuous Serial Communications Clock (SCK)
Power savings via support for Stop Mode
Enhanced DSI logic to implement a 32-bit Timed Serial Bus (TSB) configuration,
supporting the Microsecond Channel downstream frame format
The DSPIs also support these features unique to the DSI and CSI configurations:
2 sources of the serialized data:
–
eTPU_A and eMIOS output channels
–
Memory-mapped register in the DSPI
Destinations for the deserialized data:
–
eTPU_A and eMIOS input channels
–
SIU External Interrupt Request inputs
–
Memory-mapped register in the DSPI
Deserialized data is provided as Parallel Output signals and as bits in a memory-
mapped register
Transfer initiation conditions:
–
Continuous
–
Edge sensitive hardware trigger
–
Change in data
Pin serialization/deserialization with interleaved SPI frames for control and diagnostics
Continuous serial communications clock
Support for parallel and serial chaining of up to four DSPI blocks
2.3.16
eSCI
The enhanced serial communications interface (eSCI) allows asynchronous serial
communications with peripheral devices and other MCUs. It includes special support to
interface to Local Interconnect Network (LIN) slave devices. The eSCI block provides the
following features:
Full-duplex operation
Standard mark/space non-return-to-zero (NRZ) format
13-bit baud rate selection
Programmable 8-bit or 9-bit, data format
Programmable 12-bit or 13-bit data format for Timed Serial Bus (TSB) configuration to
support the Microsecond Channel upstream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com