Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC563M60X Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 10Page - STMicroelectronics SPC563M60X Datasheet HTML 11Page - STMicroelectronics SPC563M60X Datasheet HTML 12Page - STMicroelectronics SPC563M60X Datasheet HTML 13Page - STMicroelectronics SPC563M60X Datasheet HTML 14Page - STMicroelectronics SPC563M60X Datasheet HTML 15Page - STMicroelectronics SPC563M60X Datasheet HTML 16Page - STMicroelectronics SPC563M60X Datasheet HTML 17Page - STMicroelectronics SPC563M60X Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 128 page
background image
Overview
SPC563M64x, SPC563M60x
14/128
DocID14642 Rev 12
System integration unit (SIU)
–
Centralized GPIO control of 80 I/O pins
–
Centralized pad control on a per-pin basis
– Pin function selection
– Configurable weak pull-up or pull-down
– Drive strength
– Slew rate
– Hysteresis
–
System reset monitoring and generation
–
External interrupt inputs, filtering and control
–
Critical Interrupt control
–
Non-Maskable Interrupt control
–
Internal multiplexer subblock (IMUX)
– Allows flexible selection of eQADC trigger inputs (eTPU, eMIOS and external
signals)
– Allows selection of interrupt requests between external pins and DSPI
Error correction status module (ECSM)
–
Configurable error-correcting codes (ECC) reporting
–
Single-bit error correction reporting
On-chip flash memory
–
Up to 1.5 MB flash memory, accessed via a 64-bit wide bus interface
–
16 KB shadow block
–
Fetch Accelerator
– Provide single cycle flash access at 80 MHz
– Quadruple 128-bit wide prefetch/burst buffers
– Prefetch buffers can be configured to prefetch code or data or both
–
Censorship protection scheme to prevent flash content visibility
–
Flash divided into two independent arrays, allowing reading from one array while
erasing/programming the other array (used for EEPROM emulation)
–
Memory block:
– For SPC563M64: 18 blocks (4
16 KB, 2 32 KB, 2 64 KB, 10 128 KB)
– For SPC563M60: 14 blocks (4
16 KB, 2 32 KB, 2 64 KB, 6 128 KB)
–
Hardware programming state machine
On-chip static RAM
–
For SPC563M64: 94 KB general purpose RAM of which 32 KB are on standby
power supply
–
For SPC563M60: 64 KB general purpose RAM of which 32 KB are on standby
power supply
Boot assist module (BAM)
–
Enables and manages the transition of MCU from reset to user code execution in
the following configurations:
– Execution from internal flash memory
– Execution from external memory on the calibration bus
– Download and execution of code via FlexCAN or eSCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com