| Electronic Components Datasheet Search |
|
SPC563M60X Datasheet(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC563M60X Datasheet(HTML) 27 Page - STMicroelectronics |
|
27 / 128 page ![]() DocID14642 Rev 12 27/128 SPC563M64x, SPC563M60x Overview 127 The eMIOS provides the following features: 16 channels (24-bit timer resolution) For compatibility with other family members selected channels and timebases are implemented: – Channels 0 to 6, 8 to 15, and 23 – Timebases A, B and C Channels 1, 3, 5 and 6 support modes: – General Purpose Input/Output (GPIO) – Single Action Input Capture (SAIC) – Single Action Output Compare (SAOC) Channels 2, 4, 11 and 13 support all the modes above plus: – Output Pulse Width Modulation Buffered (OPWMB) Channels 0, 8, 9, 10, 12, 14, 15, 23 support all the modes above plus: – Input Period Measurement (IPM) – Input Pulse Width Measurement (IPWM) – Double Action Output Compare (set flag on both matches) (DAOC) – Modulus Counter Buffered (MCB) – Output Pulse Width and Frequency Modulation Buffered (OPWFMB) Three 24-bit wide counter buses – Counter bus A can be driven by channel 23 or by the eTPU2 and all channels can use it as a reference – Counter bus B is driven by channel 0 and channels 0 to 6 can use it as a reference – Counter bus C is driven by channel 8 and channels 8 to 15 can use it as a reference Shared time bases with the eTPU2 through the counter buses Synchronization among internal and external time bases 2.3.13 eTPU2 The eTPU2 is an enhanced co-processor designed for timing control. Operating in parallel with the host CPU, eTPU2 processes instructions and real-time input events, performs output waveform generation, and accesses shared data without host intervention. Consequently, for each timer event, the host CPU setup and service times are minimized or eliminated. A powerful timer subsystem is formed by combining the eTPU2 with its own instruction and data RAM. High-level assembler/compiler and documentation allows customers to develop their own functions on the eTPU2. The eTPU2 includes these distinctive features: The Timer Counter (TCR1), channel logic and digital filters (both channel and the external timer clock input [TCRCLK]) now have an option to run at full system clock speed or system clock / 2. Channels support unordered transitions: transition 2 can now be detected before transition 1. Related to this enhancement, the transition detection latches (TDL1 and TDL2) can now be independently negated by microcode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |