Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC563M60X Datasheet(PDF) 28 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 24Page - STMicroelectronics SPC563M60X Datasheet HTML 25Page - STMicroelectronics SPC563M60X Datasheet HTML 26Page - STMicroelectronics SPC563M60X Datasheet HTML 27Page - STMicroelectronics SPC563M60X Datasheet HTML 28Page - STMicroelectronics SPC563M60X Datasheet HTML 29Page - STMicroelectronics SPC563M60X Datasheet HTML 30Page - STMicroelectronics SPC563M60X Datasheet HTML 31Page - STMicroelectronics SPC563M60X Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 128 page
background image
Overview
SPC563M64x, SPC563M60x
28/128
DocID14642 Rev 12
A new User Programmable Channel Mode has been added: the blocking, enabling,
service request and capture characteristics of this channel mode can be programmed
via microcode.
Microinstructions now provide an option to issue Interrupt and Data Transfer requests
selected by channel. They can also be requested simultaneously at the same
instruction.
Channel Flags 0 and 1 can now be tested for branching, in addition to selecting the
entry point.
Channel digital filters can be bypassed.
The Timer Counter (TCR1), channel logic and digital filters (both channel and the
external timer clock input [TCRCLK]) now have an option to run at full system clock
speed or system clock / 2.
Channels support unordered transitions: transition 2 can now be detected before
transition 1. Related to this enhancement, the transition detection latches (TDL1 and
TDL2) can now be independently negated by microcode.
A new User Programmable Channel Mode has been added: the blocking, enabling,
service request and capture characteristics of this channel mode can be programmed
via microcode.
Microinstructions now provide an option to issue Interrupt and Data Transfer requests
selected by channel. They can also be requested simultaneously at the same
instruction.
Channel Flags 0 and 1 can now be tested for branching, in addition to selecting the
entry point.
Channel digital filters can be bypassed.
32 channels, each channel is associated with one input and one output signal
–
Enhanced input digital filters on the input pins for improved noise immunity.
–
Identical, orthogonal channels: each channel can perform any time function. Each
time function can be assigned to more than one channel at a given time, so each
signal can have any functionality.
–
Each channel has an event mechanism which supports single and double action
functionality in various combinations. It includes two 24-bit capture registers, two
24-bit match registers, 24-bit greater-equal and equal-only comparators
–
Input and output signal states visible from the host
2 independent 24-bit time bases for channel synchronization:
–
First time base clocked by system clock with programmable prescale division from
2 to 512 (in steps of 2), or by output of second time base prescaler
–
Second time base counter can work as a continuous angle counter, enabling
angle based applications to match angle instead of time
–
Both time bases can be exported to the eMIOS timer module
–
Both time bases visible from the host
Event-triggered microengine:
–
Fixed-length instruction execution in two-system-clock microcycle
–
14 KB of code memory (SCM)
–
3 KB of parameter (data) RAM (SPRAM)
–
Parallel execution of data memory, ALU, channel control and flow control sub-
instructions in selected combinations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com