Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 44Page - STMicroelectronics L99LDLH32 Datasheet HTML 45Page - STMicroelectronics L99LDLH32 Datasheet HTML 46Page - STMicroelectronics L99LDLH32 Datasheet HTML 47Page - STMicroelectronics L99LDLH32 Datasheet HTML 48Page - STMicroelectronics L99LDLH32 Datasheet HTML 49Page - STMicroelectronics L99LDLH32 Datasheet HTML 50Page - STMicroelectronics L99LDLH32 Datasheet HTML 51Page - STMicroelectronics L99LDLH32 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 142 page
background image
Communication interface
L99LDLH32
48/142
DS12879 Rev 6
In each 16-byte data package data for Ch15, respectively the highest channel number, is
the MSB, data for Ch0, respectively the lowest channel number, is the LSB.
This broadcast frame will be ignored by the Responder as long as its Reset Bit RSTB is not
cleared.
6.5.3
Chain initialization
A specific broadcast frame is sent to all Responders to inform them about the chain they
belong to and their position within this chain so each Responder is able to grab data
intended for it.
Figure 20. Broadcast chain initialization
The ID for this chain initialization frame is “1_0110_0000000”. For every Responder three
bytes are used to identify the chain it belongs to, its position and the addressed Responder
with the following data structure for each Responder:
MSB: 0, Chain ID [5:0], 0
Next byte: 000,Pos[1,0], 00, Responder ID[8]
LSB: Responder ID[7:0]
Position 00: Responder picks data bytes 0-15
Position 01: Responder picks data bytes 16-31
Position 10: Responder picks data bytes 32-47
Position 11: Responder picks data bytes 48-63
Note:
If a device has several Responder IDs (i.e. a 32-channel device has two Responder IDs),
those Responder IDs must be assigned to different Chain IDs
Responder IDs of the same device cannot be initialized in a single broadcast frame.
As reported in Figure 20, it is possible to initialize up to 21 Responders within one chain
initialization broadcast frame.
Chain Initialization will be executed on the Responder, even if its Reset Bit RSTB is set.
Chain Initialization will not clear Reset Bit RSTB.
6.5.4
Go to sleep/wake-up pattern
For sending the network to sleep and waking it up again a dedicated ID is defined.
The reserved WUP ID is “1_000_011_1100”. A frame with this ID and without data (DLC=0)
is the command to send all Responders into sleep/standby mode. This is shown in
Figure 21
.
Figure 21. Send-To-Sleep command
For waking up all the Responders, in the network the data in the payload satisfy the wake-
up pattern requirements of ISO11898-2 with tCAN_FILTER (short) at 1Mb/s.
1
0
1
10000000
CTRL
0, Chain ID [5:0], 0
000, Pos [1:0], 00, Responder ID [8] Responder ID [7:0]
ACK/EOF
CRC
repeated up to 21 times
...
„1_000_011_1100"
CTRL
CRC
ACK/EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com