Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 32Page - STMicroelectronics L99LDLH32 Datasheet HTML 33Page - STMicroelectronics L99LDLH32 Datasheet HTML 34Page - STMicroelectronics L99LDLH32 Datasheet HTML 35Page - STMicroelectronics L99LDLH32 Datasheet HTML 36Page - STMicroelectronics L99LDLH32 Datasheet HTML 37Page - STMicroelectronics L99LDLH32 Datasheet HTML 38Page - STMicroelectronics L99LDLH32 Datasheet HTML 39Page - STMicroelectronics L99LDLH32 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 142 page
background image
Functional description
L99LDLH32
36/142
DS12879 Rev 6
5.3.8
Channel output - short circuit to GND
The L99LDLH32 features the output channel voltage shortage to GND - both in Bus mode
as well as Fail Safe / Stand Alone mode - based on voltage monitoring across the channel
output voltage: the detection is done by comparing the absolute output voltage versus a
fixed threshold (VOUT_SHT_GND_TH).
The short circuit to GND detection is masked when the O/LED supply voltage is below a
power good threshold (VPG_TH_VPRE_REG).
When the channel output voltage is lower than the VOUT_SHT_GND_TH threshold, a shortage
between a channel output and GND is detected and the related channel bit
(OUT_SHT_GND_CHx– see RAM memory map, Chapter 7) is set. In case the LED short
detection threshold (either VSHT_CH_TH or VSHT_CH_DIN_TH) is set lower than the channel
short to ground threshold (VOUT_SHT_GND_TH), this latter protection has the highest priority.
When this flag is set, the faulty channel is disabled regardless of the setting of its own short
off (SHT_OFF_x) bit. This flag is a read & clear bit: channel “x” is latched off in case of fault,
it will restart after bit clearing. If fault is still there, the channel will be latched off again.
In case of Fail Safe / Stand Alone mode, after elapsing the tAUTORESTART, the faulty channel
is automatically re-activated and the OUT_SHT_GND_CHx bit is cleared.
Channel output short to GND voltage event is also reported in the Global Status Byte
register, in particular Functional Error 2 (FE2) bit is set.
For all (and only) those channels mapped on DIN (DIN_MAP_CHx = 01), the L99LDH32
features the indication of short circuit to GND on FAULT pin. If the SHT_EN bit (see
FTP/RAM memory map, Chapter 7) is equal to “0”, the short circuit fault detection is NOT
propagated on FAULT bus; whilst if SHT_EN = 1, the short circuit of the faulty channel is
indicated on associated FAULT bus (pulled low).
Then, for both mapped and non-mapped channels, according to the status of the fault
reaction mode configuration bit (see Table 8), an automatic deactivation of the complete
light function respectively of the faulty channel only is performed.
The flow chart reported in Figure 11 shows how the device manages the faulty channel and
the channels corresponding to DIN_MAP as well as the fault pin handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com