Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 60 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 56Page - STMicroelectronics L99LDLH32 Datasheet HTML 57Page - STMicroelectronics L99LDLH32 Datasheet HTML 58Page - STMicroelectronics L99LDLH32 Datasheet HTML 59Page - STMicroelectronics L99LDLH32 Datasheet HTML 60Page - STMicroelectronics L99LDLH32 Datasheet HTML 61Page - STMicroelectronics L99LDLH32 Datasheet HTML 62Page - STMicroelectronics L99LDLH32 Datasheet HTML 63Page - STMicroelectronics L99LDLH32 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 142 page
background image
FTP and RAM memory mapping
L99LDLH32
60/142
DS12879 Rev 6
Reserved
31h-3Fh
(except 34h)
Reserved for ST testing and
trimming
1. Registers have to be accessed via UNICAST frames selecting Responder ID0 only. Any command to those registers with
different Responder ID will be rejected.
2. Via UNICAST frames these registers can be accessed either selecting Responder ID0 or Responder ID1.
Table 15. RAM memory map (continued)
Address
Name
Access
Content
Note
Table 16. FTP memory map
Address
Name
Access
Comment
0x0h
Row_0
Read/Write
See Table 63
0x1h
Row_1
Read/Write
See Table 64
0x2h
Row_2
Read/Write
See Table 65
0x3h
Row_3
Read/Write
See Table 66
0x4h
Row_4
Read/Write
See Table 67
0x5h
Row_5
Reserved
0x6h
Row_6
Reserved
0x7h
Row_7
Reserved
0x8h
Row_8
Reserved
0x9h
Row_9
Reserved
0xAh
Row_10
Reserved
0xBh
Row_11
Read
See Table 68
0xCh
Row_12
Read/Write
See Table 69
0xDh
Row_13
Reserved
0xEh
Row_14
Reserved
0xFh
Row_15
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com