Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 86 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 82Page - STMicroelectronics L99LDLH32 Datasheet HTML 83Page - STMicroelectronics L99LDLH32 Datasheet HTML 84Page - STMicroelectronics L99LDLH32 Datasheet HTML 85Page - STMicroelectronics L99LDLH32 Datasheet HTML 86Page - STMicroelectronics L99LDLH32 Datasheet HTML 87Page - STMicroelectronics L99LDLH32 Datasheet HTML 88Page - STMicroelectronics L99LDLH32 Datasheet HTML 89Page - STMicroelectronics L99LDLH32 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 142 page
background image
FTP and RAM memory mapping
L99LDLH32
86/142
DS12879 Rev 6
7.1.9
Position and chain identifier for Responder IDx
Figure 60. Position and chain identifier for Responder IDx register
7.1.10
Channel output on-state voltage
Figure 61. Channel output on-state voltage 0x1Fh register
Address 1Ah
Access
R
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
bit
31
bit
30
bit
29
bit
28
bit
27
bit
26
bit
25
bit
24
bit
23
bit
22
bit
21
bit
20
bit
19
bit
18
bit
17
bit
16
bit
15
bit
14
bit
13
bit
12
bit
11
bit
10
bit 9 bit 8 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0
Not used
Not used
ChainID_Responder ID1
ChainID_Responder ID0
Table 43. Position and chain identifier for Responder IDx field description
Bit
Name
Default
Description
31-24
Not used
23-16
Not used
15-10
ChainID_Responder ID1
000000
6-bit Chain Identifier for Responder ID1
9-8
POS_Responder ID1
0
2-bit Position Identifier in Chain for Responder ID1
7-2
ChainID_Responder ID0
000000
6-bit Chain Identifier for Responder ID0
1-0
POS_Responder ID0
0
2-bit Position Identifier in Chain for Responder ID0
Address 1Fh
Access
Burst Read
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
bit
31
bit
30
bit
29
bit
28
bit
27
bit
26
bit
25
bit
24
bit
23
bit
22
bit
21
bit
20
bit
19
bit
18
bit
17
bit
16
bit
15
bit
14
bit
13
bit
12
bit
11
bit
10
bit 9 bit 8 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0
VLED_ON_CH3
VLED_ON_CH2
VLED_ON_CH1
VLED_ON_CH0
Table 44. Channel output on-state voltage 0x1Fh field description
Bit
Name
Default
Description
31-24
VLED_ON_CH3
00h
8-bit Output on-state Voltage Channel 3 in 1/256 steps
00h: 0 mV
01h: 157 mV
7Fh: 19,9 V
FFh: 40 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com