Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 75 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 71Page - STMicroelectronics L99LDLH32 Datasheet HTML 72Page - STMicroelectronics L99LDLH32 Datasheet HTML 73Page - STMicroelectronics L99LDLH32 Datasheet HTML 74Page - STMicroelectronics L99LDLH32 Datasheet HTML 75Page - STMicroelectronics L99LDLH32 Datasheet HTML 76Page - STMicroelectronics L99LDLH32 Datasheet HTML 77Page - STMicroelectronics L99LDLH32 Datasheet HTML 78Page - STMicroelectronics L99LDLH32 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 142 page
background image
DS12879 Rev 6
75/142
L99LDLH32
FTP and RAM memory mapping
141
Figure 50. Channel current setting 0x10h register
Table 31. Channel current setting 0x0Fh field description
Bit
Name
Default
Description
31-24
CURR_SET_CH23
FTP
Linear individual analogue dimming for Channel 23 in
1/256 steps
00h: 1,00 mA
01h: 1,05 mA
7Fh: 7,97 mA
FFh: 15,0 mA
23-16
CURR_SET_CH22
FTP
Linear individual analogue dimming for Channel 22 in
1/256 steps
00h: 1,00 mA
01h: 1,05 mA
7Fh: 7,97 mA
FFh: 15,0 mA
15-8
CURR_SET_CH21
FTP
Linear individual analogue dimming for Channel 21 in
1/256 steps
00h: 1,00 mA
01h: 1,05 mA
7Fh: 7,97 mA
FFh: 15,0 mA
7-0
CURR_SET_CH20
FTP
Linear individual analogue dimming for Channel 20 in
1/256 steps
00h: 1,00 mA
01h: 1,05 mA
7Fh: 7,97 mA
FFh: 15,0 mA
Address 10h
Access
R/W/BW
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
bit
31
bit
30
bit
29
bit
28
bit
27
bit
26
bit
25
bit
24
bit
23
bit
22
bit
21
bit
20
bit
19
bit
18
bit
17
bit
16
bit
15
bit
14
bit
13
bit
12
bit
11
bit
10
bit 9 bit 8 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0
CURR_SET_CH27
CURR_SET_CH26
CURR_SET_CH25
CURR_SET_CH24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com