Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 15Page - STMicroelectronics L99LDLH32 Datasheet HTML 16Page - STMicroelectronics L99LDLH32 Datasheet HTML 17Page - STMicroelectronics L99LDLH32 Datasheet HTML 18Page - STMicroelectronics L99LDLH32 Datasheet HTML 19Page - STMicroelectronics L99LDLH32 Datasheet HTML 20Page - STMicroelectronics L99LDLH32 Datasheet HTML 21Page - STMicroelectronics L99LDLH32 Datasheet HTML 22Page - STMicroelectronics L99LDLH32 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 142 page
background image
DS12879 Rev 6
19/142
L99LDLH32
Linear current sources
141
The L99LDLH32 features one analog pin (VREF_PRE_REG) providing a voltage proportional
to the maximum output voltage of active channels plus the required drop voltage across the
current regulator required for proper regulation (~1.4 V). This signal can be used in
combination with an analogue discrete circuit to close directly the feedback loop with an
external DC/DC converter.
For applications with a common DC/DC converter for several L99LDLH32 devices, the
VREF_PRE_REG output signal is buffered, therefore, it can be combined in wired-OR with
VREF_PREG_REG output signals from other devices to make sure only the highest reference
voltage is fed back to the external DC/DC converter.
A dedicated Application Note is available for more information on this feature and how to
use in application.
4.4
Channel output gradual delay
The L99LDLH32 features the output gradual delay, which consists in gradual turning on of
the current generators. In case of driving several outputs simultaneously, the output gradual
delay is applied in order to lower the current transients and improve device emissions. This
feature can be activated – for all the channels - through one dedicated bit (OUT_DELAY,
see FTP/RAM memory map, Chapter 7).
In case one or more channels are not enabled, gradual delay is increased according to the
number of channels turned OFF.
The Gradual Delay concept is valid in PWM mode as well: in this case, the PWM waveform
is shifted and the gradual delay is applied also when channel is turned OFF.
The output gradual delay feature is valid both for Normal / Bus mode and Fail Safe / Stand
Alone Mode. In this latter case, Direct Input (DIN) controls output channels as per FTP
setting (DIN_MAP_CHx, 1bit - see FTP/RAM memory map, Chapter 7): it is suggested to
apply the output gradual feature if minimum PWM on time is ≥ 20 µs. Otherwise, it is
suggested to disable the feature by the dedicated bit.
The delay between each output is showed in Figure 5.
Table 2. Minimum channel drop-out voltage at max current vs TJ
TJ [°C]
VOUTx_DROP [V]
125
1.05
25
1
-40
0.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com