Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 23Page - STMicroelectronics L99LDLH32 Datasheet HTML 24Page - STMicroelectronics L99LDLH32 Datasheet HTML 25Page - STMicroelectronics L99LDLH32 Datasheet HTML 26Page - STMicroelectronics L99LDLH32 Datasheet HTML 27Page - STMicroelectronics L99LDLH32 Datasheet HTML 28Page - STMicroelectronics L99LDLH32 Datasheet HTML 29Page - STMicroelectronics L99LDLH32 Datasheet HTML 30Page - STMicroelectronics L99LDLH32 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 142 page
background image
DS12879 Rev 6
27/142
L99LDLH32
Functional description
141
Where toni is the LED ON-time during step number "i", 1 ≤ i ≤ 255, α ≈ 0.9471, N=254.
For the step number "i" = 0, DC is set to "0".
The function of duty cycle vs 8-bit PWM_DUTY_CHx setting is shown in the following graph.
The minimum duty cycle is clamped to 0.1% in any case.
Figure 7. Duty cycle vs Dimming Step
The duty cycle is configurable through serial bus (PWM_DUTY_CHx, 8 bits per channel –
see RAM memory map, Chapter 7) and the programmed value is stored in the RAM. The
individual duty cycle per channel can be superimposed by a linear 8-bit global dimming
PWM_DUTY_ALL (applicable for outputs mapped to DIN). The resulting duty cycle is the
product of PWM_DUTY_CHx*PWM_DUTY_ALL. Global dimming is not available for
function group not mapped to DIN. If global dimming is not desired, the PWM_DUTY_ALL
register has to be programmed with FFh.
Direct Input access to outputs can be enabled or disabled for each channel separately in
Bus / Normal Mode. If Direct Input is enabled (by DIN_EN configuration bit – see RAM
memory map, Chapter 7), bus control is applied when DIN = 0. In case of DIN <> 0, the bus
control is automatically disabled (after tFILTER time) and overtaken by DIN: the DIN input
control has priority versus bus control. After a timeout higher than tBUS_CONTROL after the
last falling edge on DIN, the bus control is reactivated. The characteristics of the function
group is illustrated in the following flow chart.
toni
PWMperiod 
Ni 1
–

–

2
------------------------------



=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com