Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 18Page - STMicroelectronics L99LDLH32 Datasheet HTML 19Page - STMicroelectronics L99LDLH32 Datasheet HTML 20Page - STMicroelectronics L99LDLH32 Datasheet HTML 21Page - STMicroelectronics L99LDLH32 Datasheet HTML 22Page - STMicroelectronics L99LDLH32 Datasheet HTML 23Page - STMicroelectronics L99LDLH32 Datasheet HTML 24Page - STMicroelectronics L99LDLH32 Datasheet HTML 25Page - STMicroelectronics L99LDLH32 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 142 page
background image
Functional description
L99LDLH32
22/142
DS12879 Rev 6
Figure 6. Device state diagram
Note:
Partial networking feature is not supported by the device. Mixed state on the bus has to be
avoided. In case devices are sent to initialization / stand by mode NOT through a broadcast
“send to sleep” command, the first UNICAST response frame of the device after wakeup
has to be ignored.
5.1.1
Stand-by mode
The pre-requisite for this mode is:
Device in initialization phase
The device enters Standby mode under the following condition:
By default, once the device is powered (VS present) and leaves initialization phase
(VS > VS_POR_H)
The Standby mode characteristics are:
Shadow register (a) preserved
RAM cleared
VS > VS_POR_H
V3V3 < V3V3_POR_L
VS low consumption
CAN FD Light compatible Interface inactive
Standby Mode
VS>VS_POR_H
V3V3<V3V3_POR_L
Shadow registers preserved
Low VS consumption
Serial Interface inactive
RAM cleared
**
Normal/Bus
Mode
Device operates according to
RAM ctrl register settings
Send
to
sleep
through
CAN
Or
BUSMODE
= 0
and
GOSTBY
= 1
Dedicated Serial Interface commands:
WD_FAIL Read & Clear
BUSMODE = 1 and GOSTBY =0
Initialization
VS>VS_POR_H
V3V3>V3V3_POR_H
Shadow Registers loaded from
FTP
Serial Interface inactive
Outputs disabled
Startup Transition
VS > VS_POR_H
tSTARTUP
V3V3<V3V3_POR_L
** register 1Ah: Chain ID &
Position content preserved
All states
VS < VS_POR_L
OFF
All functions off. Reset of
Shadow Registers and
Register 1Ah
Fail Safe/
Stand Alone
Device operates according to FTP setting and DIN*
CAN Interface Wait for communication
from Commander
Note: ctrl registers can be written but are not active
*Channel activation is delayed by tPOR_DELAY when
entering after a Power On Reset
Reset
(transition state)
Reset of ctrl registers to
default value according to
Shadow Register setting
**
V3V3>V3V3_POR_H
WD failure
or
BUSMODE = GOSTBY = 0
or
BUSMODE = GOSTBY = 1
or
V3V3<V3V3_POR_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com