Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 65 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 61Page - STMicroelectronics L99LDLH32 Datasheet HTML 62Page - STMicroelectronics L99LDLH32 Datasheet HTML 63Page - STMicroelectronics L99LDLH32 Datasheet HTML 64Page - STMicroelectronics L99LDLH32 Datasheet HTML 65Page - STMicroelectronics L99LDLH32 Datasheet HTML 66Page - STMicroelectronics L99LDLH32 Datasheet HTML 67Page - STMicroelectronics L99LDLH32 Datasheet HTML 68Page - STMicroelectronics L99LDLH32 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 142 page
background image
DS12879 Rev 6
65/142
L99LDLH32
FTP and RAM memory mapping
141
Figure 40. Channel PWM duty cycle 0x06h register
Table 21. Channel PWM duty cycle 0x05h field description
Bit
Name
Default
Description
31-24
PWM_DUTY_CH15
00h
Exponential individual PWM dimming for Channel 15
according to law embedded in Figure 7
00h: 0% - channel off
01h: 0,10%
7Fh: 3,09%
FFh: 100% - channel on in DC
23-16
PWM_DUTY_CH14
00h
Exponential individual PWM dimming for Channel 14
according to law embedded in Figure 7
00h: 0% - channel off
01h: 0,10%
7Fh: 3,09%
FFh: 100% - channel on in DC
15-8
PWM_DUTY_CH13
00h
Exponential individual PWM dimming for Channel 13
according to law embedded in Figure 7
00h: 0% - channel off
01h: 0,10%
7Fh: 3,09%
FFh: 100% - channel on in DC
7-0
PWM_DUTY_CH12
00h
Exponential individual PWM dimming for Channel 12
according to law embedded in Figure 7
00h: 0% - channel off
01h: 0,10%
7Fh: 3,09%
FFh: 100% - channel on in DC
Address 06h
Access
R/W/BW
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
bit
31
bit
30
bit
29
bit
28
bit
27
bit
26
bit
25
bit
24
bit
23
bit
22
bit
21
bit
20
bit
19
bit
18
bit
17
bit
16
bit
15
bit
14
bit
13
bit
12
bit
11
bit
10
bit 9 bit 8 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0
PWM_DUTY_CH19
PWM_DUTY_CH18
PWM_DUTY_CH17
PWM_DUTY_CH16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com