Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001IZWS.B Datasheet(PDF) 15 Page - Texas Instruments

Part # XIO2001IZWS.B
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001IZWS.B Datasheet(HTML) 15 Page - Texas Instruments

Back Button XIO2001IZWS.B Datasheet HTML 11Page - Texas Instruments XIO2001IZWS.B Datasheet HTML 12Page - Texas Instruments XIO2001IZWS.B Datasheet HTML 13Page - Texas Instruments XIO2001IZWS.B Datasheet HTML 14Page - Texas Instruments XIO2001IZWS.B Datasheet HTML 15Page - Texas Instruments XIO2001IZWS.B Datasheet HTML 16Page - Texas Instruments XIO2001IZWS.B Datasheet HTML 17Page - Texas Instruments XIO2001IZWS.B Datasheet HTML 18Page - Texas Instruments XIO2001IZWS.B Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 145 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VDD_33
Supply voltage range
–0.5
3.6
V
VDD_15
–0.5
1.65
V
VI
Input voltage range
PCI
–0.5
PCIR + 0.5
V
PCI Express (RX)
–0.6
1.2
V
PCI Express REFCLK (single-ended)
–0.5
VDD_33 + 0.5
V
PCI Express REFCLK (differential)
–0.5
VDD_15 + 0.5
V
Miscellaneous 3.3-V IO
–0.5
VDD_33 + 0.5
V
VO
Output voltage range
PCI
–0.5
VDD_33 + 0.5
V
PCI Express (TX)
–0.55
VDD_15 + 0.
V
Miscellaneous 3.3-V IO
–0.5
VDD_33 + 0.5
V
Input clamp current, (VI < 0 or VI > VDD)(2)
±20
mA
Output clamp current, (VO < 0 or VO > VDD)(3)
±20
mA
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Applies for external input and bidirectional buffers. VI < 0 or VI > VDD or VI > PCIR.
(3)
Applies for external input and bidirectional buffers. VO < 0 or VO > VDD or VO > PCIR.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
VESD-HBM (1)
Human body model ESD rating (R = 1.5 K, C = 100 pF)
2
kV
VESD-CDM (1)
Charged device model ESD rating (200 pF)
500
V
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges
in to the device.
6.3 Recommended Operating Conditions
OPERATION
MIN
NOM
MAX
UNIT
VDD_15
Supply voltage
1.5 V
1.35
1.5
1.65
V
VDDA_15
VDD_33
Supply voltage
3.3 V
3
3.3
3.6
V
VDDA_33
VDDA_33_AUX
PCIR
PCI bus clamping rail voltage (with 1 kΩ resistor)
3.3 V
3
3.3
3.6
V
5 V
4.75
5
5.25
www.ti.com
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com