Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV759P Datasheet(PDF) 18 Page - Texas Instruments

Part # TLV759P
Description  TLV759P 1-A High Accuracy Adjustable LDO in a Small Size Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV759P Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV759P Datasheet HTML 14Page - Texas Instruments TLV759P Datasheet HTML 15Page - Texas Instruments TLV759P Datasheet HTML 16Page - Texas Instruments TLV759P Datasheet HTML 17Page - Texas Instruments TLV759P Datasheet HTML 18Page - Texas Instruments TLV759P Datasheet HTML 19Page - Texas Instruments TLV759P Datasheet HTML 20Page - Texas Instruments TLV759P Datasheet HTML 21Page - Texas Instruments TLV759P Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Output Voltage in
normal regulation
Dropout
VOUT = VIN - VDO
Transient response
time of the LDO
Load current
discharges
output
voltage
Time
VGS voltage for
normal operation
VGS voltage in
dropout (pass device
fully on)
VDO
Gate Voltage
Input Voltage
VGS voltage for
normal operation
Input Voltage
Output Voltage
VGS voltage
(pass device
fully off)
18
TLV759P
SBVS352A – APRIL 2018 – REVISED DECEMBER 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Application Information (continued)
Figure 42. Line Transients From Dropout
8.1.5 Reverse Current
As with most LDOs, excessive reverse current can damage this device.
Reverse current flows through the body diode on the pass element instead of the normal conducting channel. At
high magnitudes, this current flow degrades the long-term reliability of the device, as a result of one of the
following conditions:
•
Degradation caused by electromigration
•
Excessive heat dissipation
•
Potential for a latch-up condition
Conditions where reverse current can occur are outlined in this section, all of which can exceed the absolute
maximum rating of VOUT > VIN + 0.3 V:
•
If the device has a large COUT and the input supply collapses with little or no load current
•
The output is biased when the input supply is not established
•
The output is biased above the input supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com