Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV759P Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV759P
Description  TLV759P 1-A High Accuracy Adjustable LDO in a Small Size Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV759P Datasheet(HTML) 3 Page - Texas Instruments

  TLV759P Datasheet HTML 1Page - Texas Instruments TLV759P Datasheet HTML 2Page - Texas Instruments TLV759P Datasheet HTML 3Page - Texas Instruments TLV759P Datasheet HTML 4Page - Texas Instruments TLV759P Datasheet HTML 5Page - Texas Instruments TLV759P Datasheet HTML 6Page - Texas Instruments TLV759P Datasheet HTML 7Page - Texas Instruments TLV759P Datasheet HTML 8Page - Texas Instruments TLV759P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1
OUT
2
FB
3
GND
4
EN
5
DNC
6
IN
Not to scale
Thermal
Pad
3
TLV759P
www.ti.com
SBVS352A – APRIL 2018 – REVISED DECEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRV Package
6-Pin Adjustable WSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
DNC
5
—
Do not connect
EN
4
Input
Enable pin. Drive EN greater than VEN(HI) to turn on the regulator.
Drive EN less than VEN(LO) to put the LDO into shutdown mode.
FB
2
—
This pin is used as an input to the control loop error amplifier and is used to set the
output voltage of the LDO.
GND
3
—
Ground pin
IN
6
Input
Input pin. For best transient response and to minimize input impedance, use the
recommended value or larger ceramic capacitor from IN to ground as listed in the
Recommended Operating Conditions table and the Input and Output Capacitor Selection
section. Place the input capacitor as close to the output of the device as possible.
OUT
1
Output
Regulated output voltage pin. A capacitor is required from OUT to ground for stability.
For best transient response, use the nominal recommended value or larger ceramic
capacitor from OUT to ground; see the Recommended Operating Conditions table and
the Input and Output Capacitor Selection section. Place the output capacitor as close to
output of the device as possible.
Thermal pad
Pad
—
Connect the thermal pad to a large area GND plane for improved thermal performance.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The absolute maximum rating is VIN + 0.3 V or 6.0 V, whichever is smaller
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VIN
–0.3
6.5
V
Enable voltage, VEN
–0.3
6.5
V
Output voltage, VOUT
–0.3
VIN + 0.3
(2)
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com