Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV759P Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV759P
Description  TLV759P 1-A High Accuracy Adjustable LDO in a Small Size Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV759P Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV759P Datasheet HTML 7Page - Texas Instruments TLV759P Datasheet HTML 8Page - Texas Instruments TLV759P Datasheet HTML 9Page - Texas Instruments TLV759P Datasheet HTML 10Page - Texas Instruments TLV759P Datasheet HTML 11Page - Texas Instruments TLV759P Datasheet HTML 12Page - Texas Instruments TLV759P Datasheet HTML 13Page - Texas Instruments TLV759P Datasheet HTML 14Page - Texas Instruments TLV759P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Frequency (Hz)
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
10
100
1k
10k
100k
1M
10M
IOUT= 10mA, 159PVRMS
IOUT= 100mA, 160PVRMS
IOUT= 500mA, 160PVRMS
Frequency (Hz)
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
10
100
1k
10k
100k
1M
10M
CFF = 0 nF, 160 PVRMS
CFF = 1 nF, 108 PVRMS
CFF = 10 nF, 74 PVRMS
CFF = 100 nF, 44 PVRMS
Frequency (Hz)
-10
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
ILOAD = 10 mA
ILOAD = 100 mA
ILOAD = 250 mA
ILOAD = 500 mA
ILOAD = 1 A
Frequency (Hz)
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
10
100
1k
10k
100k
1M
10M
IOUT= 100mA, 170PVRMS
IOUT= 500mA, 169PVRMS
IOUT= 1A, 160PVRMS
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
COUT = 1 PF
COUT = 2.2 PF
COUT = 4.7 PF
COUT = 47 PF
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
CFF = 0 nF
CFF = 1 nF
CFF = 10 nF
CFF = 100 nF
11
TLV759P
www.ti.com
SBVS352A – APRIL 2018 – REVISED DECEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at operating temperature range TJ = 25°C, VIN = VOUT(NOM) + 0.5 V or 1.5 V (whichever is greater), IOUT = 1 mA, VEN = VIN, and
CIN = COUT = 1 μF (unless otherwise noted)
VIN = 3.8 V, VOUT = 3.3 V, IOUT = 500 mA
Figure 31. PSRR vs Frequency and COUT
VIN = 3.8 V, VOUT = 3.3 V, IOUT = 500 mA
Figure 32. PSRR vs Frequency and CFF
VIN = 3.8 V, VOUT = 3.3 V, COUT = 2.2 µF
Figure 33. PSRR vs Frequency and ILOAD
VIN = 3.8 V, VOUT = 3.3 V, COUT = 4.7 µF,
VRMS BW = 10 Hz to 100 kHz
Figure 34. Output Spectral Noise Density
VIN = 3.8 V, VOUT = 3.3 V, COUT = 2.2 µF,
VRMS BW = 10 Hz to 100 kHz
Figure 35. Output Spectral Noise Density
VIN = 3.8 V, VOUT = 3.3 V, IOUT = 500 mA, COUT = 2.2 µF,
VRMS BW = 10 Hz to 100 kHz
Figure 36. Output Spectral Noise Density vs
Frequency and CFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com