Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV759P Datasheet(PDF) 20 Page - Texas Instruments

Part # TLV759P
Description  TLV759P 1-A High Accuracy Adjustable LDO in a Small Size Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV759P Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV759P Datasheet HTML 16Page - Texas Instruments TLV759P Datasheet HTML 17Page - Texas Instruments TLV759P Datasheet HTML 18Page - Texas Instruments TLV759P Datasheet HTML 19Page - Texas Instruments TLV759P Datasheet HTML 20Page - Texas Instruments TLV759P Datasheet HTML 21Page - Texas Instruments TLV759P Datasheet HTML 22Page - Texas Instruments TLV759P Datasheet HTML 23Page - Texas Instruments TLV759P Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
I
=
OUT(t)
C
OUT
OUT
´ dV
(t)
dt
V
OUT(t)
R
LOAD
+
IN
OUT
GND
EN
DNC
TLV759P
VOUT
VIN
FB
CIN
COUT
VEN
R2
R1
20
TLV759P
SBVS352A – APRIL 2018 – REVISED DECEMBER 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.3 Typical Application
Figure 44 shows the typical application circuit for the TLV759P. Input and output capacitances must be at least
1 µF.
Figure 44. TLV759P Typical Application
8.3.1 Design Requirements
Use the parameters listed in Table 2 for typical linear regulator applications.
Table 2. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Input voltage
3.8 V
Output voltage
3.3 V, ±1%
Input current
1 A (maximum)
Output load
1-A DC
Maximum ambient temperature
70°C
8.3.2 Detailed Design Procedure
Input and output capacitors are required to achieve the output voltage transient requirements. Capacitance
values of 2.2 µF are selected to give the maximum output capacitance in a small, low-cost package; see the
Input and Output Capacitor Selection section for details.
Figure 40 illustrates the output voltage of the TLV759P. Set the output voltage using the resistor divider; see the
section for details.
8.3.2.1 Input Current
During normal operation, the input current to the LDO is approximately equal to the output current of the LDO.
During startup, the input current is higher as a result of the inrush current charging the output capacitor. Use
Equation 6 to calculate the current through the input.
where:
•
VOUT(t) is the instantaneous output voltage of the turn-on ramp
•
dVOUT(t) / dt is the slope of the VOUT ramp
•
RLOAD is the resistive load impedance
(6)
8.3.2.2 Thermal Dissipation
The junction temperature can be determined using the junction-to-ambient thermal resistance (RθJA) and the total
power dissipation (PD). Use Equation 7 to calculate the power dissipation. Multiply PD by RθJA as Equation 8
shows and add the ambient temperature (TA) to calculate the junction temperature (TJ).
PD = (IGND+ IOUT) × (VIN – VOUT)
(7)
TJ = RθJA × PD + TA
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com