Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV759P Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV759P
Description  TLV759P 1-A High Accuracy Adjustable LDO in a Small Size Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV759P Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV759P Datasheet HTML 2Page - Texas Instruments TLV759P Datasheet HTML 3Page - Texas Instruments TLV759P Datasheet HTML 4Page - Texas Instruments TLV759P Datasheet HTML 5Page - Texas Instruments TLV759P Datasheet HTML 6Page - Texas Instruments TLV759P Datasheet HTML 7Page - Texas Instruments TLV759P Datasheet HTML 8Page - Texas Instruments TLV759P Datasheet HTML 9Page - Texas Instruments TLV759P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
640
720
800
880
960
1,040
1,120
1,200
1,280
TJ
±
qC
±
qC
±
qC
0qC
25qC
85qC
125qC
150qC
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
40
80
120
160
200
240
280
320
TJ
±
qC
±
qC
±
qC
0qC
25qC
85qC
125qC
150qC
Input Voltage (V)
5.5
5.6
5.7
5.8
5.9
6
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
TJ
±
qC
±
qC
±
qC
0qC
25qC
85qC
125qC
150qC
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
40
80
120
160
200
240
280
320
TJ
±
qC
±
qC
±
qC
0qC
25qC
85qC
125qC
150qC
Input Voltage (V)
3.8
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
-0.6
-0.45
-0.3
-0.15
0
0.15
0.3
0.45
0.6
TJ
±
qC
±
qC
±
qC
0qC
25qC
85qC
125qC
150qC
Input Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-0.6
-0.45
-0.3
-0.15
0
0.15
0.3
0.45
0.6
TJ
±
qC
±
qC
±
qC
0qC
25qC
85qC
125qC
150qC
6
TLV759P
SBVS352A – APRIL 2018 – REVISED DECEMBER 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.6 Typical Characteristics
at operating temperature range TJ = 25°C, VIN = VOUT(NOM) + 0.5 V or 1.5 V (whichever is greater), IOUT = 1 mA, VEN = VIN, and
CIN = COUT = 1 μF (unless otherwise noted)
VOUT = 3.3 V, IOUT = 1 mA
Figure 1. 3.3-V Line Regulation vs VIN
VOUT = 0.55 V, IOUT = 1 mA
Figure 2. 0.55-V Line Regulation vs VIN
VOUT = 5.5 V, IOUT = 1 mA
Figure 3. 5.5-V Line Regulation vs VIN
Figure 4. 3.3-V Dropout Voltage vs IOUT
Figure 5. 0.55-V Dropout Voltage vs IOUT
Figure 6. 5.5-V Dropout Voltage vs IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com