Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV759P Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV759P
Description  TLV759P 1-A High Accuracy Adjustable LDO in a Small Size Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV759P Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV759P Datasheet HTML 10Page - Texas Instruments TLV759P Datasheet HTML 11Page - Texas Instruments TLV759P Datasheet HTML 12Page - Texas Instruments TLV759P Datasheet HTML 13Page - Texas Instruments TLV759P Datasheet HTML 14Page - Texas Instruments TLV759P Datasheet HTML 15Page - Texas Instruments TLV759P Datasheet HTML 16Page - Texas Instruments TLV759P Datasheet HTML 17Page - Texas Instruments TLV759P Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
VOUT(NOM)
0 V
0 mA
VOUT
VFOLDBACK
ICL
ISC
IRATED
IOUT
Brickwall
Foldback
14
TLV759P
SBVS352A – APRIL 2018 – REVISED DECEMBER 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Foldback Current Limit
The device has an internal current limit circuit that protects the regulator during transient high-load current faults
or shorting events. The current limit is a hybrid brickwall-foldback scheme. The current limit transitions from a
brickwall scheme to a foldback scheme at the foldback voltage (VFOLDBACK). In a high-load current fault with the
output voltage above VFOLDBACK, the brickwall scheme limits the output current to the current limit (ICL). When the
voltage drops below VFOLDBACK, a foldback current limit activates that scales back the current as the output
voltage approaches GND. When the output is shorted, the device supplies a typical current called the short-
circuit current limit (ISC). ICL and ISC are listed in the Electrical Characteristics table.
For this device, VFOLDBACK = 0.4 V × VOUT(NOM).
The output voltage is not regulated when the device is in current limit. When a current limit event occurs, the
device begins to heat up because of the increase in power dissipation. When the device is in brickwall current
limit, the pass transistor dissipates power [(VIN – VOUT) × ICL]. When the device output is shorted and the output
is below VFOLDBACK, the pass transistor dissipates power [(VIN – VOUT) × ISC]. If thermal shutdown is triggered, the
device turns off. After the device cools down, the internal thermal shutdown circuit turns the device back on. If
the output current fault condition continues, the device cycles between current limit and thermal shutdown. For
more information on current limits, see the Know Your Limits application report.
Figure 39 shows a diagram of the foldback current limit.
Figure 39. Foldback Current Limit
7.3.4 Thermal Shutdown
Thermal shutdown protection disables the output when the junction temperature rises to approximately 170°C.
Disabling the device eliminates the power dissipated by the device, allowing the device to cool. When the
junction temperature cools to approximately 155°C, the output circuitry is again enabled. Depending on power
dissipation, thermal resistance, and ambient temperature, the thermal protection circuit may cycle on and off.
This cycling limits regulator dissipation, protecting the LDO from damage as a result of overheating.
Activating the thermal shutdown feature usually indicates excessive power dissipation as a result of the product
of the (VIN – VOUT) voltage and the load current. For reliable operation, limit junction temperature to 125°C
maximum. To estimate the margin of safety in a complete design, increase the ambient temperature until the
thermal protection is triggered; use worst-case loads and signal conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com