Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV759P Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV759P
Description  TLV759P 1-A High Accuracy Adjustable LDO in a Small Size Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV759P Datasheet(HTML) 1 Page - Texas Instruments

  TLV759P Datasheet HTML 1Page - Texas Instruments TLV759P Datasheet HTML 2Page - Texas Instruments TLV759P Datasheet HTML 3Page - Texas Instruments TLV759P Datasheet HTML 4Page - Texas Instruments TLV759P Datasheet HTML 5Page - Texas Instruments TLV759P Datasheet HTML 6Page - Texas Instruments TLV759P Datasheet HTML 7Page - Texas Instruments TLV759P Datasheet HTML 8Page - Texas Instruments TLV759P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
IN
OUT
GND
EN
DNC
TLV759P
VOUT
VIN
FB
CIN
COUT
VEN
R2
R1
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV759P
SBVS352A – APRIL 2018 – REVISED DECEMBER 2018
TLV759P 1-A High Accuracy Adjustable LDO in a Small Size Package
1
1 Features
1
•
Input Voltage Range: 1.5 V to 6.0 V
•
Adjustable Output Voltage:
–
0.55 V to 5.5 V
•
Very Low Dropout:
–
225 mV (max) at 1 A (3.3 VOUT)
•
High Output Accuracy:
–
0.7%, Typical
–
1%, Maximum Over Temperature (85°C)
•
IQ: 25 µA (Typical)
•
Built-In Soft-Start With Monotonic VOUT Rise
•
Package:
–
2-mm × 2-mm 6-Pin WSON (DRV)
•
Active Output Discharge
2 Applications
•
Set-Top Boxes, Gaming Consoles
•
Home Theater and Entertainment
•
Desktops, Notebooks, Ultrabooks
•
Printers
•
Servers
•
Thermostat and Lighting Controls
•
Electronic Point of Sale (EPOS)
3 Description
The TLV759P is an adjustable 1-A low-dropout (LDO)
regulator. This device is available in a small, 6-pin,
2-mm × 2-mm WSON package and consumes very
low quiescent current and provides fast line and load
transient performance. The TLV759P features an
ultra-low dropout of 225 mV at 1 A that can help
improve the power efficiency of the system.
The TLV759P is optimized for a wide variety of
applications by supporting an input voltage range
from 1.5 V to 6.0 V and an externally adjustable
output range of 0.55 V to 5.5 V. The low output
voltage enables this LDO to power the modern
microcontrollers
with
lower
core
voltages.
Additionally, the TLV759P has a low IQ with enable
functionality to minimize standby power. This device
features an internal soft-start to lower the inrush
current, which provides a controlled voltage to the
load and minimizes the input voltage drop during start
up.
The TLV759P is stable with small ceramic output
capacitors, allowing for a small overall solution size.
A precision band-gap and error amplifier provides a
high accuracy of 0.7% max at 25ºC and 1% max over
temperature (85ºC). This device includes integrated
thermal shutdown, current limit, and undervoltage
lockout (UVLO) features. The TLV759P has an
internal foldback current limit that helps reduce the
thermal dissipation during short-circuit events.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV759P
WSON (6)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - TLV759P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
1-A LDO in a Small 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
1Mb / 22P
1-A LDO in a Small 2-mm 횞 2-mm WSON Package
TLV759P TI1-TLV759P_18 Datasheet
1Mb / 22P
1-A LDO in a Small 2-mm 횞 2-mm WSON Package
More results

Similar Description - TLV759P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38852-ADJ TI1-LP38852-ADJ Datasheet
1Mb / 31P
1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38853 TI1-LP38853_15 Datasheet
1Mb / 30P
3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38852-ADJ TI1-LP38852-ADJ_16 Datasheet
1Mb / 33P
1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
1-A LDO in a Small 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P_18 Datasheet
1Mb / 22P
1-A LDO in a Small 2-mm 횞 2-mm WSON Package
TLV758P TI1-TLV758P_19 Datasheet
2Mb / 32P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV758P_1903 TI1-TLV758P_1903 Datasheet
3Mb / 35P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV751 TI1-TLV751 Datasheet
2Mb / 29P
TLV751 Dual, 500-mA, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV752 TI1-TLV752 Datasheet
1Mb / 29P
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV751 TI1-TLV751_V01 Datasheet
2Mb / 31P
TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com