Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV759P Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV759P
Description  TLV759P 1-A High Accuracy Adjustable LDO in a Small Size Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV759P Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV759P Datasheet HTML 17Page - Texas Instruments TLV759P Datasheet HTML 18Page - Texas Instruments TLV759P Datasheet HTML 19Page - Texas Instruments TLV759P Datasheet HTML 20Page - Texas Instruments TLV759P Datasheet HTML 21Page - Texas Instruments TLV759P Datasheet HTML 22Page - Texas Instruments TLV759P Datasheet HTML 23Page - Texas Instruments TLV759P Datasheet HTML 24Page - Texas Instruments TLV759P Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Frequency (Hz)
-10
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
ILOAD = 10 mA
ILOAD = 100 mA
ILOAD = 250 mA
ILOAD = 500 mA
ILOAD = 1 A
21
TLV759P
www.ti.com
SBVS352A – APRIL 2018 – REVISED DECEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Calculate the maximum ambient temperature as Equation 9 shows if the (TJ(MAX)) value does not exceed 125°C.
Equation 10 calculates the maximum ambient temperature with a value of 84.85°C.
TA(MAX) = TJ(MAX) – RθJA × PD
(9)
TA(MAX) = 125°C – 80.3°C/W × (3.8 V – 3.3 V) × (1 A) = 84.85°C
(10)
8.3.3 Application Curve
VIN = 3.8 V, VOUT = 3.3 V, COUT = 2.2 µF
Figure 45. PSRR vs Frequency and ILOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com