Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV759P Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV759P
Description  TLV759P 1-A High Accuracy Adjustable LDO in a Small Size Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV759P Datasheet(HTML) 5 Page - Texas Instruments

  TLV759P Datasheet HTML 1Page - Texas Instruments TLV759P Datasheet HTML 2Page - Texas Instruments TLV759P Datasheet HTML 3Page - Texas Instruments TLV759P Datasheet HTML 4Page - Texas Instruments TLV759P Datasheet HTML 5Page - Texas Instruments TLV759P Datasheet HTML 6Page - Texas Instruments TLV759P Datasheet HTML 7Page - Texas Instruments TLV759P Datasheet HTML 8Page - Texas Instruments TLV759P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
TLV759P
www.ti.com
SBVS352A – APRIL 2018 – REVISED DECEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
at operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(NOM) + 0.5 V or 1.5 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 μF, unless otherwise noted. All typical values at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IFB
Feedback pin current
0.01
0.1
µA
ICL
Output current limit
VIN = VOUT(NOM) + 1.0 V
VOUT = VOUT(NOM) -
0.2 V, VOUT < 1.5 V
1.22
1.44
1.83
A
VOUT = 0.9 x VOUT(NOM),
VOUT ≥ 1.5 V
1.22
1.44
1.83
ISC
Short-circuit current limit
VIN = VOUT(NOM) + 1.0 V
VOUT = 0 V
770
mA
VDO
Dropout voltage
IOUT = 1 A,
–40°C
≤ TJ ≤ +125°C,
VOUT = 0.95 × VOUT(NOM)
0.65 V
≤ VOUT < 0.8 V
896
1050
mV
0.8 V
≤ VOUT < 0.9 V
765
920
0.9 V
≤ VOUT < 1.0 V
700
850
1.0 V
≤ VOUT < 1.2 V
600
750
1.2 V
≤ VOUT < 1.5 V
464
585
1.5 V
≤ VOUT < 1.8 V
332
440
1.8 V
≤ VOUT < 2.5 V
264
360
2.5 V
≤ VOUT < 3.3 V
193
270
3.3 V
≤ VOUT ≤ 5.5 V
161
225
PSRR
Power-supply rejection
ratio
VIN = VOUT(NOM) + 1 V,
IOUT = 50 mA
f = 1 kHz
50
dB
f = 100 kHz
45
f = 1 MHz
30
Vn
Output noise voltage
BW = 10 Hz to 100 kHz, VOUT = 0.9 V
53
µVRMS
VUVLO
Undervoltage lockout
VIN rising
1.21
1.33
1.47
V
VIN falling
1.17
1.29
1.42
VUVLO, HYST
Undervoltage lockout
hysteresis
VIN hysteresis
40
mV
tSTR
Startup time
From EN low-to-high transition to VOUT = VOUT(NOM) x
95%
500
µs
VEN(HI)
EN pin high voltage
1.0
V
VEN(LO)
EN pin low voltage
0.3
V
IEN
Enable pin current
VIN = VEN = 6.0 V
10
nA
RPULLDOWN
Pulldown resistance
VIN = 6.0 V
95
Ω
TSD
Thermal shutdown
Shutdown, temperature increasing
170
°C
Reset, temperature decreasing
155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com