Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV759P Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV759P
Description  TLV759P 1-A High Accuracy Adjustable LDO in a Small Size Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV759P Datasheet(HTML) 4 Page - Texas Instruments

  TLV759P Datasheet HTML 1Page - Texas Instruments TLV759P Datasheet HTML 2Page - Texas Instruments TLV759P Datasheet HTML 3Page - Texas Instruments TLV759P Datasheet HTML 4Page - Texas Instruments TLV759P Datasheet HTML 5Page - Texas Instruments TLV759P Datasheet HTML 6Page - Texas Instruments TLV759P Datasheet HTML 7Page - Texas Instruments TLV759P Datasheet HTML 8Page - Texas Instruments TLV759P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
TLV759P
SBVS352A – APRIL 2018 – REVISED DECEMBER 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
(1)
Minimun derated capacitance of 0.47 μF is required for stability
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
1.5
6.0
V
VOUT
Output voltage
0.55
5.5
V
IOUT
Output current
0
1
A
CIN
Input capacitor
1
μF
COUT
Output capacitor(1)
1
220
μF
VEN
Enable voltage
0
6.0
V
fEN
Enable toggle frequency
10
kHz
TJ
Junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TLV759
UNIT
DRV (WSON)
6 PINS
RθJA
Junction-to-ambient thermal resistance
80.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
98.7
°C/W
RθJB
Junction-to-board thermal resistance
44.8
°C/W
ψJT
Junction-to-top characterization parameter
6.1
°C/W
ψJB
Junction-to-board characterization parameter
45.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
20.8
°C/W
(1)
When the device is connected to external feedback resistors at the FB pin, external resistor tolerances are not included
(2)
VIN = 1.5V for VOUT < 1.0 V
6.5 Electrical Characteristics
at operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(NOM) + 0.5 V or 1.5 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 μF, unless otherwise noted. All typical values at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB
Feedback voltage
TJ = 25°C
0.55
V
Output accuracy(1)
TJ = 25°C
–0.7%
0.7%
–40°C
≤ TJ ≤ +85°C
–1%
1%
–40°C
≤ TJ ≤ +125°C
–1.5%
1.5%
Line regulation
VOUT(NOM) + 0.5 V
(2) ≤ V
I N ≤ 6.0 V
2
7.5
mV
Load regulation
0.1 mA
≤ IOUT ≤ 1 A, VIN ≥ 2.0 V
0.03
V/A
IGND
Ground current
IOUT = 0 mA
TJ = 25°C
10
25
31
µA
–40°C
≤ TJ ≤ +125°C
35
ISHDN
Shutdown current
VEN ≤ 0.3 V, 1.5 V ≤ VIN ≤ 6.0 V
0.1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com