Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

926850-2 Datasheet(PDF) 21 Page - TE Connectivity Ltd

Part # 926850-2
Description  MAGNET WIRE TERMINALS AND TERMINATION SYSTEMS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

926850-2 Datasheet(HTML) 21 Page - TE Connectivity Ltd

Back Button 926850-2 Datasheet HTML 17Page - TE Connectivity Ltd 926850-2 Datasheet HTML 18Page - TE Connectivity Ltd 926850-2 Datasheet HTML 19Page - TE Connectivity Ltd 926850-2 Datasheet HTML 20Page - TE Connectivity Ltd 926850-2 Datasheet HTML 21Page - TE Connectivity Ltd 926850-2 Datasheet HTML 22Page - TE Connectivity Ltd 926850-2 Datasheet HTML 23Page - TE Connectivity Ltd 926850-2 Datasheet HTML 24Page - TE Connectivity Ltd 926850-2 Datasheet HTML 25Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
17
A
C
B
Standard MAG-MATE Terminals (Continued)
110 Series
FASTON Tab Terminals
Material
Tin plated brass
Typical Cavity Size 2
(See page 23)
Note:
Type
Copper Magnet Wire Range
AWG
mm
1
Tab
Size
Stock Thickness
Tab
Mag Wire
Strip
Part Number
A
300 Box
Standard IDC
.110[2.79]
FASTON Tab
4
4.5
B
300 Box
Single IDC w/
Strain Relief Slot
3.4
C
Poke-In
Combination Tab
30-27
63777-1
.020
0.51
.012
0.30
0.25-0.36
.110 x .020
2.79 x 0.51
.020
0.51
.110 x .020
2.79 x 0.51
27-23
0.36-0.57
.016
0.41
63746-1
.020
0.51
.110 x .020
2.79 x 0.51
23-202
0.45-0.64
.016
0.41
63486-1
.020
0.51
.110 x .020
2.79 x 0.51
19-17
0.91-1.15
.020
0.51
63145-1
.020
0.51
.110 x .020
2.79 x 0.51
27-23
0.36-0.57
.016
0.41
63827-1
.020
0.51
.110 x .020
2.79 x 0.51
2
3.5-20
0.54-0.81
.016
0.41
1217783-1
.020
0.51
.110 x .020
2.79 x 0.51
28-24
0.32-0.51
.012
0.30
63062-1
.020
0.51
.110 x .020
2.79 x 0.51
2
25-22
0.45-0.64
.012
0.30
63063-2
1 Two magnet wires may be terminated in the same terminal slot if diameters are equal.
2 Single magnet wire only; 22 AWG [0.64 mm] or larger.
3 Poke-In feature accepts 20-18 AWG [0.5-0.8 mm2] Solid or overcoated stranded lead wire or 90° Poke-In tab.
4 After insertion into plastic cavity, tab portion must be bent over 45°-90° or potted in to prevent pullout when mating
receptacle is disconnected.
5 Strain relief slot for high vibration applications.
.625
[ 15.88 ]
.120
[ 3.05 ]
.135
[ 3.43 ]
.300
[ 7.62 ]
.110 [2.79] Tab Terminals
mate with compatible
FASTON receptacles.
Request Catalog 82004.
.625
[ 15.88 ]
.300
[ 7.62 ]
.135
[ 3.43 ]
.120
[ 3.05 ]
.310
[ 7.87 ]
.660
[ 16.76 ]
.120
[ 3.05 ]
.135
[ 3.43 ]
Magnet Wire Terminals and Termination Systems
Catalog 82221
www.te.com/appliances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com