Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

926850-2 Datasheet(PDF) 49 Page - TE Connectivity Ltd

Part # 926850-2
Description  MAGNET WIRE TERMINALS AND TERMINATION SYSTEMS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

926850-2 Datasheet(HTML) 49 Page - TE Connectivity Ltd

Back Button 926850-2 Datasheet HTML 45Page - TE Connectivity Ltd 926850-2 Datasheet HTML 46Page - TE Connectivity Ltd 926850-2 Datasheet HTML 47Page - TE Connectivity Ltd 926850-2 Datasheet HTML 48Page - TE Connectivity Ltd 926850-2 Datasheet HTML 49Page - TE Connectivity Ltd 926850-2 Datasheet HTML 50Page - TE Connectivity Ltd 926850-2 Datasheet HTML 51Page - TE Connectivity Ltd 926850-2 Datasheet HTML 52Page - TE Connectivity Ltd 926850-2 Datasheet HTML 53Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
45
AMPLIVAR Splices (Continued)
Technical Features
Applicable Types of Wire —
Cu, Al (Solid) together or in
combination with stranded
lead wire
Wire Size Range —
from 300 to 13,000 CMA
(0.1 mm2 to 6.6 mm2)
Terminal Base Material —
Brass, phosphor bronze
Surface Finish — plain and
tin plated except where noted
Temperature Range —
–65°C to +150°C
Rated Current — according
connected wire size
Rated Voltage — according
terminated winding
Test Results
The AMPLIVAR products have
been subjected to the following
tests without significant millivolt
losses.
Temperature Cycling —
25 cycles with each cycle
consisting of 30 minutes at
+125°C followed by 30 minutes
at –65°C
Heat Age — 96 hours at +150°C
Thermal Shock — 25 cycles
with each cycle consisting of 30
minutes at +150°C followed by
30 minutes at –65°C
Salt Spray — 96 hours at
+35°C with a 5% salt solution
spray
Humidity — 96 hours at
90–95% relative humidity and
+40°C
Current Cycling — 10,000
cycles with each consisting of
3 minutes on and 3 minutes
off at a current (25 A) which
establishes a wire temperature
Magnet Wire Terminals and Termination Systems
Catalog 82221
www.te.com/appliances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com